Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8605ARTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD8605ARTZ
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ARTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8605ARTZ Datasheet HTML 16Page - Analog Devices AD8605ARTZ Datasheet HTML 17Page - Analog Devices AD8605ARTZ Datasheet HTML 18Page - Analog Devices AD8605ARTZ Datasheet HTML 19Page - Analog Devices AD8605ARTZ Datasheet HTML 20Page - Analog Devices AD8605ARTZ Datasheet HTML 21Page - Analog Devices AD8605ARTZ Datasheet HTML 22Page - Analog Devices AD8605ARTZ Datasheet HTML 23Page - Analog Devices AD8605ARTZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. N | Page 20 of 24
INSTRUMENTATION AMPLIFIERS
The low offset voltage and low noise of the AD8605 make it an
ideal amplifier for instrumentation applications.
Difference amplifiers are widely used in high accuracy circuits
to improve the common-mode rejection ratio. Figure 54 shows
a simple difference amplifier. Figure 55 shows the common-
mode rejection for a unity gain configuration and for a gain of 10.
Making (R4/R3) = (R2/R1) and choosing 0.01% tolerance yields
a CMRR of 74 dB and minimizes the gain error at the output.
AD8605
5V
V2
V1
R1
1kΩ
R3
1kΩ
R2
10kΩ
R4
10kΩ
VOUT
R4
R3
R2
R1
=
VOUT =
(V2 – V1)
R2
R1
Figure 54. Difference Amplifier, AV = 10
FREQUENCY (Hz)
120
100
0
100
10M
1k
10k
100k
1M
60
40
20
80
AV = 10
VSY = ±2.5V
AV = 1
Figure 55. Difference Amplifier CMRR vs. Frequency
DAC CONVERSION
The low input bias current and offset voltage of the AD8605
make it an excellent choice for buffering the output of a current
output DAC.
Figure 56 shows a typical implementation of the AD8605 at the
output of a 12-bit DAC.
The DAC8143 output current is converted to a voltage by the
feedback resistor. The equivalent resistance at the output of the
DAC varies with the input code, as does the output capacitance.
R2
AD8605
VOS
RF
CF
R2
R2
V+
V–
R
R
R
VREF
Figure 56. Simplified Circuit of the DAC8143 with AD8605 Output Buffer
To optimize the performance of the DAC, insert a capacitor in
the feedback loop of the AD8605 to compensate the amplifier
for the pole introduced by the output capacitance of the DAC.
Typical values for CF range from 10 pF to 30 pF; it can be
adjusted for the best frequency response. The total error at the
output of the op amp can be computed by


+
=
1
Req
R
V
E
F
OS
O
where Req is the equivalent resistance seen at the output of the
DAC. As previously mentioned, Req is code dependent and
varies with the input. A typical value for Req is 15 kΩ.
Choosing a feedback resistor of 10 kΩ yields an error of less
than 200 µV.
Figure 57 shows the implementation of a dual-stage buffer
at the output of a DAC. The first stage is used as a buffer.
Capacitor C1 with Req creates a low-pass filter, and thus,
provides phase lead to compensate for frequency response.
The second stage of the AD8606 is used to provide voltage
gain at the output of the buffer.
Grounding the positive input terminals in both stages reduces
errors due to the common-mode output voltage. Choosing R1,
R2, and R3 to match within 0.01% yields a CMRR of 74 dB and
maintains minimum gain error in the circuit.
RFB
VDD
DB11
OUT1
AD7545
AGND
RCS
RP
VIN
15V
VOUT
VREF
1/2
AD8606
1/2
AD8606
C1
33pF
R4
5kΩ
R2
10kΩ
R1
10kΩ
R3
20kΩ
Figure 57. Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com