Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9200ARSZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9200ARSZ
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200ARSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9200ARSZ Datasheet HTML 15Page - Analog Devices AD9200ARSZ Datasheet HTML 16Page - Analog Devices AD9200ARSZ Datasheet HTML 17Page - Analog Devices AD9200ARSZ Datasheet HTML 18Page - Analog Devices AD9200ARSZ Datasheet HTML 19Page - Analog Devices AD9200ARSZ Datasheet HTML 20Page - Analog Devices AD9200ARSZ Datasheet HTML 21Page - Analog Devices AD9200ARSZ Datasheet HTML 22Page - Analog Devices AD9200ARSZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–19–
Shorting the VREF pin directly to the SENSE pin places the
internal reference amplifier in unity-gain mode and the resultant
VREF output is 1 V. Therefore, the valid input range is 0 V to 2 V.
However, shorting the SENSE pin directly to the REFCOM pin
configures the internal reference amplifier for a gain of 2.5 and
the resultant VREF output is 2.5 V. Thus, the valid input range
becomes 0 V to 5 V. The VREF pin should be bypassed to the
REFCOM pin with a 10
µF tantalum capacitor in parallel with a
low inductance 0.1
µF ceramic capacitor.
10 F
VINA
VREF
0.1 F
VINB
2 VREF
0V
SHORT FOR 0V TO 2V
INPUT SPAN
SENSE
SHORT FOR 0V TO 5V
INPUT SPAN
REFCOM
AD9221/
AD9223/
AD9220
Figure 21. Internal Reference—2 V p-p Input Span,
VCM = 1 V, or 5 V p-p Input Span, VCM = 2.5 V
Single-Ended or Differential Input, VCM = 2.5 V
Figure 22 shows the single-ended configuration that gives the best
dynamic performance (SINAD, SFDR). To optimize dynamic
specifications, center the common-mode voltage of the analog
input at approximately by 2.5 V by connecting VINB to a low
impedance 2.5 V source. As described above, shorting the VREF
pin directly to the SENSE pin results in a 1 V reference voltage
and a 2 V p-p input span. The valid range for input signals is 1.5 V
to 3.5 V. The VREF pin should be bypassed to the REFCOM
pin with a 10
µF tantalum capacitor in parallel with a low induc-
tance 0.1
µF ceramic capacitor.
This reference configuration could also be used for a differential
input in which VINA and VINB are driven via a transformer as
shown in Figure 19. In this case, the common-mode voltage,
VCM, is set at midsupply by connecting the transformer’s center
tap to CML of the AD9221/AD9223/AD9220. VREF can be
configured for 1 V or 2.5 V by connecting SENSE to either VREF
or REFCOM respectively. Note that the valid input range for
each of the differential inputs is one-half of single-ended input
and thus becomes VCM – VREF/2 to VCM + VREF/2.
1V
0.1 F
10 F
VINA
VINB
VREF
SENSE
REFCOM
3.5V
1.5V
2.5V
AD9221/
AD9223/
AD9220
Figure 22. Internal Reference—2 V p-p Input Span,
VCM = 2.5 V
Resistor Programmable Reference
Figure 23 shows an example of how to generate a reference
voltage other than 1 V or 2.5 V with the addition of two external
resistors and a bypass capacitor. Use the equation,
VREF
V
R
R
=× +
()
11
1
2
/
to determine appropriate values for R1 and R2. These resistors
should be in the 2 k
Ω to 100 kΩ range. For the example shown,
R1 equals 2.5 k
Ω and R2 equals 5 kΩ. From the equation above,
the resultant reference voltage on the VREF pin is 1.5 V. This
sets the input span to be 3 V p-p. To assure stability, place a
0.1
µF ceramic capacitor in parallel with R1.
The common-mode voltage can be set to VREF by connecting
VINB to VREF to provide an input span of 0 to 2
× VREF.
Alternatively, the common-mode voltage can be set to VREF by
connecting VINB to a low impedance 2.5 V source. For the
example shown, the valid input single range for VINA is 1 V to
4 V since VINB is set to an external, low impedance 2.5 V source.
The VREF pin should be bypassed to the REFCOM pin with a
10
µF tantalum capacitor in parallel with a low inductance
0.1
µF ceramic capacitor.
1.5V
C1
0.1 F
10 F
VINA
VINB
VREF
SENSE
REFCOM
AD9220
4V
1V
2.5V
R1
2.5k
R2
5k
0.1 F
Figure 23. Resistor Programmable Reference—3 V p-p
Input Span, VCM = 2.5 V
USING AN EXTERNAL REFERENCE
Using an external reference may enhance the dc performance of
the AD9221/AD9223/AD9220 by improving drift and accuracy.
Figures 24 through 26 show examples of how to use an external
reference with the A/D. Table III is a list of suitable voltage
references from Analog Devices. To use an external reference,
the user must disable the internal reference amplifier and drive
the VREF pin. Connecting the SENSE pin to AVDD disables
the internal reference amplifier.
Table III. Suitable Voltage References
Initial
Operating
Output
Drift
Accuracy
Current
Voltage
(ppm/ C)
% (max)
( A)
Internal
1.00
26
1.4
N/A
AD589
1.235
10–100
1.2–2.8
50
AD1580
1.225
50–100
0.08–0.8
50
REF191
2.048
5–25
0.1–0.5
45
Internal
2.50
26
1.4
N/A
REF192
2.50
5–25
0.08–0.4
45
REF43
2.50
10–25
0.06–0.1
600
AD780
2.50
3–7
0.04–0.2
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com