| Electronic Components Datasheet Search |
|
AD9874ABST Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9874ABST Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 40 page ![]() REV. A AD9874 –17– Table IV. Number of Bits per Frame for Different SSICR Settings Number of Bits DW EAGC EFS AAGC per Frame 0 (16-bit) 0 0 NA 32 01 NA 49 * 10 0 48 10 1 40 11 0 69 * 11 1 59 * 1 (24-bit) 0 0 NA 48 01 NA 69 * 10 0 64 10 1 56 11 0 89 * 11 1 79 * *The number of bits per frame with embedded frame sync (EFS = 1) assume at least 10 idle bits are desired. The maximum SSIORD setting can be determined by the equation SSIORD TRUNC Dec Factor of Bits per Frame ≤ {( . ) / (# )} (1) where TRUNC is the truncated integer value. Table IV lists the number of bits within a frame for 16-bit and 24-bit output data formats for all of the different SSICR set- tings. The decimation factor is determined by the contents of Register 0x07. An example helps illustrate how the maximum SSIORD setting is determined. Suppose a user selects a decimation factor of 600 (Register 0x07, K = 0, M = 9) and prefers a 3-wire interface with a dedicated frame sync (EFS = 0) containing 24-bit data (DW = 1) with nonalternating embedded AGC data included (EAGC = 1, AAGC = 0). Referring to Table IV, each frame will consist of 64 data bits. Using Equation 1, the maximum SSIORD setting is 9 (= TRUNC(600/64)). Thus, the user can select any SSIORD setting between 1 and 9. Figure 3a illustrates the output timing of the SSI port for several SSI control register settings with 16-bit I/Q data, while Figure 3b shows the associated timing parameters. Note that the same timing relationship holds for 24-bit I/Q data, with the exception that I and Q word lengths now become 24 bits. In the default mode of the operation, data is shifted out on rising edges of CLKOUT after a pulse equal to a clock period is output from the Frame Sync (FS) pin. As described above, the output data consists of a 16- or 24-bit I sample followed by a 16- or 24-bit Q sample, plus two optional bytes containing AGC and status information. FS DOUT I15 I14 CLKOUT tV tCLK tHI tLOW t DV Figure 3b. Timing Parameters for SSI Timing* *Timing parameters also apply to inverted CLKOUT or FS modes, with t DV relative to the falling edge of the CLK and/or FS. FS DOUT CLKOUT SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0 I15 I0 Q15 Q14 Q0 CLKOUT FS DOUT SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 1, AAGC = 0 I15 I0 Q15 Q14 Q0 RSSI0 ATTEN6 ATTN7 CLKOUT FS DOUT SCKI = 0, SCKT = 0, SLFS = 1, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0 I15 I0 Q15 Q14 Q0 CLKOUT FS DOUT SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0 SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 0, EAGC = 0: AS ABOVE, BUT FS IS LOW IDLE (HIGH) BITS START BIT START BIT STOP BIT STOP BIT START BIT HI-Z I15 I8 I7 I0 Q15 Figure 3a. SSI Timing for Several SSICRA Settings with 16-Bit I/Q Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |