| Electronic Components Datasheet Search |
|
DAC8248FS Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8248FS Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 16 page ![]() DAC8248 –8– REV. B Four Cycle Update Five Cycle Update Write Timing Cycle Diagram PARAMETER DEFINITIONS RESOLUTION (N) The resolution of a DAC is the number of states (2 n) that the full-scale range (FSR) is divided (or resolved) into; where n is equal to the number of bits. RELATIVE ACCURACY (INL) Relative accuracy, or integral nonlinearity, is the maximum de- viation of the analog output (from the ideal) from a straight line drawn between the end points. It is expressed in terms of least significant bit (LSB), or as a percent of full scale. DIFFERENTIAL NONLINEARITY (DNL) Differential nonlinearity is the worst case deviation of any adja- cent analog output from the ideal 1 LSB step size. The devia- tion of the actual “step size” from the ideal step size of 1 LSB is called the differential nonlinearity error or DNL. DACs with DNL greater than ±1 LSB may be nonmonotonic. ±1/2 LSB INL guarantees monotonicity and ±1 LSB maximum DNL. GAIN ERROR (GFSE) Gain error is the difference between the actual and the ideal analog output range, expressed as a percent of full-scale or in terms of LSB value. It is the deviation in slope of the DAC transfer characteristic from ideal. Refer to PMI 1990/91 Data Book, Section 11, for additional digital-to-analog converter definitions. GENERAL CIRCUIT DESCRIPTION CONVERTER SECTION The DAC8248 incorporates two multiplying 12-bit current out- put CMOS digital-to-analog converters on one monolithic chip. It contains two highly stable thin-film R-2R resistor ladder net- works, two 12-bit DAC registers, two 8-bit input registers, and two 4-bit input registers. It also contains the DAC control logic circuitry and 24 single-pole, double-throw NMOS transistor current switches. Figure 1 shows a simplified circuit for the R-2R ladder and tran- sistor switches for a single DAC. R is typically 11 k Ω. The tran- sistor switches are binarily scaled in size to maintain a constant voltage drop across each switch. Figure 2 shows a single NMOS transistor switch. Figure 1. Simplified Single DAC Circuit Configuration. (Switches Are Shown For All Digital Inputs at Zero) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |