Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP497GSZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP497GSZ
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GSZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP497GSZ Datasheet HTML 8Page - Analog Devices OP497GSZ Datasheet HTML 9Page - Analog Devices OP497GSZ Datasheet HTML 10Page - Analog Devices OP497GSZ Datasheet HTML 11Page - Analog Devices OP497GSZ Datasheet HTML 12Page - Analog Devices OP497GSZ Datasheet HTML 13Page - Analog Devices OP497GSZ Datasheet HTML 14Page - Analog Devices OP497GSZ Datasheet HTML 15Page - Analog Devices OP497GSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP497
Rev. E | Page 12 of 16
APPLICATIONS CIRCUIT
PRECISION ABSOLUTE VALUE AMPLIFIER
The circuit in Figure 36 is a precision absolute value amplifier
with an input impedance of 30 MΩ. The high gain and low
TCVOS of the OP497 ensure accurate operation with microvolt
input signals. In this circuit, the input always appears as a common-
mode signal to the op amps. The CMR of the OP497 exceeds
120 dB, yielding an error of less than 2 ppm.
+15V
2
3
4
8
1
6
5
7
0V < VOUT < 10V
D1
1N4148
C1
30pF
D2
1N4148
1/4
OP497
1/4
OP497
–15V
VIN
R2
2k
Ω
C3
0.1µF
R3
1k
Ω
R1
1k
Ω
C2
0.1µF
Figure 36. Precision Absolute Value Amplifier
PRECISION CURRENT PUMP
Maximum output current of the precision current pump shown
in Figure 37 is ±10 mA. Voltage compliance is ±10 V with ±15 V
supplies. Output impedance of the current transmitter exceeds
3 MΩ with linearity better than 16 bits.
2
3
1
7
8
5
6
4
–15V
+15V
–
+
VIN
1/4
OP497
1/4
OP497
IOUT ==
=
R5
VIN
100
Ω
VIN
10mA/V
R3
10k
Ω
R5
10k
Ω
R4
10k
Ω
R1
10k
Ω
R2
10k
Ω
IOUT
±10mA
Figure 37. Precision Current Pump
PRECISION POSITIVE PEAK DETECTOR
In Figure 38, the CH must be of polystyrene, Teflon®, or
polyethylene to minimize dielectric absorption and leakage.
The droop rate is determined by the size of CH and the bias
current of the OP497.
2
3
1
7
8
5
6
4
+15V
1N4148
2N930
RESET
1/4
OP497
1/4
OP497
+
–15V
VOUT
0.1µF
0.1µF
CH
VIN
1k
Ω
1k
Ω
1k
Ω
1k
Ω
Figure 38. Precision Positive Peak Detector
SIMPLE BRIDGE CONDITIONING AMPLIFIER
Figure 39 shows a simple bridge conditioning amplifier using
the OP497. The transfer function is
R
R
R
R
R
V
V
F
REF
OUT
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
Δ
+
=
Δ
The REF43 provides an accurate and stable reference voltage for
the bridge. To maintain the highest circuit accuracy, RF should
be 0.1% or better with a low temperature coefficient.
2
3
1
7
8
5
6
4
+5V
REF43
6
2
4
+5V
R
R
R
2.5V
R +
ΔR
VOUT = VREF
ΔR
R +
ΔRR
1/4
OP497
1/4
OP497
VREF
RF
VOUT
–5V
RF
()
Figure 39. Simple Bridge Conditioning Amplifier Using the OP497



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com