Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSRB8601 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MSRB8601
Description  SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSRB8601 Datasheet(HTML) 3 Page - Motorola, Inc

  MSRB8601 Datasheet HTML 1Page - Motorola, Inc MSRB8601 Datasheet HTML 2Page - Motorola, Inc MSRB8601 Datasheet HTML 3Page - Motorola, Inc MSRB8601 Datasheet HTML 4Page - Motorola, Inc MSRB8601 Datasheet HTML 5Page - Motorola, Inc MSRB8601 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSRB860-1
3
Motorola Rectifier Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 6. Typical Reverse Recovery Time
Figure 7. Typical Reverse Recovery Time
dIF/dt (A/mS)
dIF/dt (A/mS)
100
500
160
20
0
100
50
0
100
200
Figure 8. Typical Peak Reverse Recovery
Current
Figure 9. Typical Peak Reverse Recovery
Current
dIF/dt (A/mS)
dIF/dt (A/mS)
100
200
500
8.0
4.0
0
14
2.0
0
100
Figure 10. Typical Reverse Recovery Charge
Figure 11. Typical Reverse Recovery Charge
dIF/dt (A/mS)
dIF/dt (A/mS)
100
300
500
200
100
0
700
200
0
100
140
120
100
80
60
40
200
300
400
300
400
500
150
200
250
200
300
400
500
4.0
6.0
8.0
10
12
300
400
200
300
400
500
IF = 16 A
8 A
4 A
TJ = 25°C
VR = 400 V
IF = 16 A
8 A
4 A
TJ = 125°C
VR = 400 V
6.0
2.0
IF = 16 A
8 A
4 A
TJ = 25°C
VR = 400 V
IF = 16 A
8 A
4 A
TJ = 125°C
VR = 400 V
400
200
300
250
150
350
50
IF = 16 A
8 A
4 A
TJ = 25°C
VR = 400 V
IF = 16 A
8 A
4 A
TJ = 125°C
VR = 400 V
400
300
500
100
600
900
800



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com