Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2212RZ Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2212RZ
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2212RZ Datasheet(HTML) 3 Page - Analog Devices

  SSM2212RZ Datasheet HTML 1Page - Analog Devices SSM2212RZ Datasheet HTML 2Page - Analog Devices SSM2212RZ Datasheet HTML 3Page - Analog Devices SSM2212RZ Datasheet HTML 4Page - Analog Devices SSM2212RZ Datasheet HTML 5Page - Analog Devices SSM2212RZ Datasheet HTML 6Page - Analog Devices SSM2212RZ Datasheet HTML 7Page - Analog Devices SSM2212RZ Datasheet HTML 8Page - Analog Devices SSM2212RZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SSM2212
Rev. B | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCB = 15 V, IO = 10 μA, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Text Conditions/Comments
Min
Typ
Max
Unit
DC AND AC CHARACTERISTICS
Current Gain1
hFE
IC = 1 mA
300
605
−40°C ≤ TA ≤ +85°C
300
IC = 10 μA
200
550
−40°C ≤ TA ≤ +85°C
200
Current Gain Match2
ΔhFE
10 μA ≤ IC ≤ 1 mA
0.5
5
%
Noise Voltage Density3
eN
IC = 1 mA, VCB = 0 V
fO = 10 Hz
1.6
2
nV/√Hz
fO = 100 Hz
0.9
1
nV/√Hz
fO = 1 kHz
0.85
1
nV/√Hz
fO = 10 kHz
0.85
1
nV/√Hz
Low Frequency Noise (0.1 Hz to 10 Hz)
eN p-p
IC = 1 mA
0.4
μV p-p
Offset Voltage
VOS
VCB = 0 V, IC = 1 mA
10
200
μV
−40°C ≤ TA ≤ +85°C
220
μV
Offset Voltage Change vs. VCB
ΔVOS/ΔVCB
0 V ≤ VCB ≤ VMAX4,1 μA ≤ IC ≤ 1 mA5
10
50
μV
Offset Voltage Change vs. IC
ΔVOS/ΔIC
1 μA ≤ IC ≤ 1 mA5, VCB = 0 V
5
70
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +85°C
0.08
1
μV/°C
−40°C ≤ TA ≤ +85°C, VOS trimmed to 0 V
0.03
0.3
μV/°C
Breakdown Voltage
BVCEO
40
V
Gain Bandwidth Product
fT
IC = 100 mA, VCE = 10 V
200
MHz
Collector-to-Base Leakage Current
ICBO
VCB = VMAX
25
500
pA
−40°C ≤ TA ≤ +85°C
3
nA
Collector-to-Collector Leakage Current
ICC
VCC = VMAX6, 7
35
500
pA
−40°C ≤ TA ≤ +85°C
4
nA
Collector-to-Emitter Leakage Current
ICES
VCE = VMAX, VBE = 0 V6, 7
35
500
pA
−40°C ≤ TA ≤ +85°C
4
nA
Input Bias Current
IB
IC = 10 μA
50
nA
−40°C ≤ TA ≤ +85°C
50
nA
Input Offset Current
IOS
IC = 10 μA
6.2
nA
−40°C ≤ TA ≤ +85°C
13
nA
Input Offset Current Drift
ΔIOS/ΔT
IC = 10 μA6, −40°C ≤ TA ≤ +85°C
40
150
pA/°C
Collector Saturation Voltage
VCE (SAT)
IC = 1 mA, IB = 100 μA
0.05
0.2
V
Output Capacitance
COB
VCB = 15 V, IE = 0 μA
23
pF
Bulk Resistance
RBE
10 μA ≤ IC ≤ 10 mA6
0.3
1.6
Ω
Collector-to-Collector Capacitance
CCC
VCC = 0 V
35
pF
1 Current gain is guaranteed with collector-to-base voltage (VCB) swept from 0 V to VMAX at the indicated collector currents.
2 Current gain match (ΔhFE) is defined as follows: ΔhFE = (100(ΔIB)(hFE min)/IC).
3 Noise voltage density is guaranteed, but not 100% tested.
4 This is the maximum change in VOS as VCB is swept from 0 V to 40 V.
5 Measured at IC = 10 μA and guaranteed by design over the specified range of IC.
6 Guaranteed by design.
7 ICC and ICES are verified by measurement of ICBO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com