Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331M5X Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M5X
Description  LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331M5X Datasheet(HTML) 5 Page - Texas Instruments

  LMV331M5X Datasheet HTML 1Page - Texas Instruments LMV331M5X Datasheet HTML 2Page - Texas Instruments LMV331M5X Datasheet HTML 3Page - Texas Instruments LMV331M5X Datasheet HTML 4Page - Texas Instruments LMV331M5X Datasheet HTML 5Page - Texas Instruments LMV331M5X Datasheet HTML 6Page - Texas Instruments LMV331M5X Datasheet HTML 7Page - Texas Instruments LMV331M5X Datasheet HTML 8Page - Texas Instruments LMV331M5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018G – AUGUST 1999 – REVISED FEBRUARY 2013
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5V, V= 0V. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min
Typ
max
Units
(1)
(2)
(1)
IS
Supply Current
LMV331-N
60
120
µA
150
LMV393-N
100
200
µA
Both Comparators
250
LMV339-N
170
300
µA
All four Comparators
350
Output Leakage Current
.003
1
µA
5V AC Electrical Characteristics
TJ = 25°C, V
+ = 5V, R
L = 5.1 kΩ, V
= 0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
tPHL
Propagation Delay (High to Low)
Input Overdrive = 10 mV
600
ns
Input Overdrive = 100 mV
200
ns
tPLH
Propagation Delay (Low to High)
Input Overdrive = 10 mV
450
ns
Input Overdrive = 100 mV
300
ns
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com