Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2996MRX Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MRX
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MRX Datasheet(HTML) 5 Page - Texas Instruments

  LP2996MRX Datasheet HTML 1Page - Texas Instruments LP2996MRX Datasheet HTML 2Page - Texas Instruments LP2996MRX Datasheet HTML 3Page - Texas Instruments LP2996MRX Datasheet HTML 4Page - Texas Instruments LP2996MRX Datasheet HTML 5Page - Texas Instruments LP2996MRX Datasheet HTML 6Page - Texas Instruments LP2996MRX Datasheet HTML 7Page - Texas Instruments LP2996MRX Datasheet HTML 8Page - Texas Instruments LP2996MRX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
3
3.5
4
4.5
5
5.5
2
2.2
2.4
2.6
2.8
3
AVIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
150
300
450
600
750
900
1050
0
oC
25
oC
85
oC
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
VDDQ (V)
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
50
100
150
200
250
300
350
400
0
oC
125
oC
LP2996-N
www.ti.com
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VTT vs VDDQ
Iq vs AVIN in SD Temperature
Figure 10.
Figure 11.
Maximum Sourcing Current vs AVIN
Iq vs AVIN Temperature
(VDDQ = 2.5V, PVIN = 1.8V)
Figure 12.
Figure 13.
Maximum Sourcing Current vs AVIN
Maximum Sourcing Current vs AVIN
(VDDQ = 2.5V, PVIN = 2.5V)
(VDDQ = 2.5V, PVIN = 3.3V)
Figure 14.
Figure 15.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com