Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101S021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021
Description  ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC101S021 Datasheet HTML 9Page - Texas Instruments ADC101S021 Datasheet HTML 10Page - Texas Instruments ADC101S021 Datasheet HTML 11Page - Texas Instruments ADC101S021 Datasheet HTML 12Page - Texas Instruments ADC101S021 Datasheet HTML 13Page - Texas Instruments ADC101S021 Datasheet HTML 14Page - Texas Instruments ADC101S021 Datasheet HTML 15Page - Texas Instruments ADC101S021 Datasheet HTML 16Page - Texas Instruments ADC101S021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
VIN
VA
2
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
VIN
VA
2
ADC081S051
www.ti.com
SNAS309E – APRIL 2005 – REVISED MARCH 2013
APPLICATIONS INFORMATION
ADC081S051 OPERATION
The ADC081S051 is a successive-approximation analog-to-digital converter designed around a charge-
redistribution digital-to-analog converter core. Simplified schematics of the ADC081S051 in both track and hold
modes are shown in Figure 18 and Figure 19, respectively. In Figure 18, the device is in track mode: switch SW1
connects the sampling capacitor to the input and SW2 balances the comparator inputs. The device is in this state
until CS is brought low, at which point the device moves to hold mode.
Figure 19 shows the device in hold mode: switch SW1 connects the sampling capacitor to ground, maintaining
the sampled voltage, and switch SW2 unbalances the comparator. The control logic then instructs the charge-
redistribution DAC to add or subtract fixed amounts of charge from the sampling capacitor until the comparator is
balanced. When the comparator is balanced, the digital word supplied to the DAC is the digital representation of
the analog input voltage. The device moves from hold mode to track mode on the 13th rising edge of SCLK.
Figure 18. ADC081S051 in Track Mode
Figure 19. ADC081S051 in Hold Mode
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC081S051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com