Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S021
Description  ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC122S021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC122S021 Datasheet HTML 12Page - Texas Instruments ADC122S021 Datasheet HTML 13Page - Texas Instruments ADC122S021 Datasheet HTML 14Page - Texas Instruments ADC122S021 Datasheet HTML 15Page - Texas Instruments ADC122S021 Datasheet HTML 16Page - Texas Instruments ADC122S021 Datasheet HTML 17Page - Texas Instruments ADC122S021 Datasheet HTML 18Page - Texas Instruments ADC122S021 Datasheet HTML 19Page - Texas Instruments ADC122S021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
IN1
MUX
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
IN2
VA
2
IN1
MUX
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
IN2
VA
2
ADC102S021
SNAS281G – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
APPLICATIONS INFORMATION
ADC102S021 OPERATION
The ADC102S021 is a successive-approximation analog-to-digital converter designed around a charge-
redistribution digital-to-analog converter. Simplified schematics of the ADC102S021 in both track and hold modes
are shown in Figure 47 and Figure 48, respectively. In Figure 47, the ADC102S021 is in track mode: switch SW1
connects the sampling capacitor to one of two analog input channels through the multiplexer, and SW2 balances
the comparator inputs. The ADC102S021 is in this state for the first three SCLK cycles after CS is brought low.
Figure 48 shows the ADC102S021 in hold mode: switch SW1 connects the sampling capacitor to ground,
maintaining the sampled voltage, and switch SW2 unbalances the comparator. The control logic then instructs
the charge-redistribution DAC to add fixed amounts of charge to the sampling capacitor until the comparator is
balanced. When the comparator is balanced, the digital word supplied to the DAC is the digital representation of
the analog input voltage. The ADC102S021 is in this state for the fourth through sixteenth SCLK cycles after CS
is brought low.
The time when CS is low is considered a serial frame. Each of these frames should contain an integer multiple of
16 SCLK cycles, during which time a conversion is performed and clocked out at the DOUT pin and data is
clocked into the DIN pin to indicate the multiplexer address for the next conversion.
Figure 47. ADC102S021 in Track Mode
Figure 48. ADC102S021 in Hold Mode
USING THE ADC102S021
An ADC102S021 timing diagram and a serial interface timing diagram for the ADC102S021 are shown in the
Timing Diagrams section. CS is chip select, which initiates conversions and frames the serial data transfers.
SCLK (serial clock) controls both the conversion process and the timing of serial data. DOUT is the serial data
output pin, where a conversion result is sent as a serial data stream, MSB first. Data to be written to the
ADC102S021's Control Register is placed at DIN, the serial data input pin. New data is written to DIN with each
conversion.
A serial frame is initiated on the falling edge of CS and ends on the rising edge of CS. Each frame must contain
an integer multiple of 16 rising SCLK edges. The ADC output data (DOUT) is in a high impedance state when
CS is high and is active when CS is low. Thus, CS acts as an output enable. Additionally, the device goes into a
power down state when CS is high and also between continuous conversion cycles.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC102S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com