Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4017F Datasheet(PDF) 4 Page - Texas Instruments

Part # CD54HC4017F
Description  DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4017F Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC4017F Datasheet HTML 1Page - Texas Instruments CD54HC4017F Datasheet HTML 2Page - Texas Instruments CD54HC4017F Datasheet HTML 3Page - Texas Instruments CD54HC4017F Datasheet HTML 4Page - Texas Instruments CD54HC4017F Datasheet HTML 5Page - Texas Instruments CD54HC4017F Datasheet HTML 6Page - Texas Instruments CD54HC4017F Datasheet HTML 7Page - Texas Instruments CD54HC4017F Datasheet HTML 8Page - Texas Instruments CD54HC4017F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CD54HC4017
DECADE COUNTER/DIVIDER
WITH TEN DECODED OUTPUTS
SGDS011 – MAY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
PARAMETER
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
6
4
fclock
Maximum clock frequency
4.5 V
30
20
MHz
6 V
35
23
2 V
80
120
CP
4.5 V
16
24
t
Pulse duration
6 V
14
20
ns
tw
Pulse duration
2 V
80
120
ns
MR
4.5 V
16
24
6 V
14
20
2 V
75
110
tsu
Setup time, CE to CP
4.5 V
15
22
ns
6 V
13
19
2 V
0
0
th
Hold time, CE to CP
4.5 V
0
0
ns
6 V
0
0
2 V
5
5
trem
Removal time, MR
4.5 V
5
5
ns
6 V
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com