Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC006BM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLC006BM/NOPB
Description  CLC006 Serial Digital Cable Driver with Adjustable Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC006BM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  CLC006BM/NOPB Datasheet HTML 1Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 2Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 3Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CLC006
8
4
3
1
5
2
VCC
6
7
R1
154:
R4
75:
VEE
R3
154:
R5
75:
J1
-
+
U1
CLC006
8
4
3
1
5
2
VCC
6
7
J2
VIN-
R1
154:
R4
75:
VEE
R3
154:
R5
75:
J1
VIN+
-
+
U1
CLC006
8
4
3
1
5
2
VCC
6
7
-
+
VTT
VEE
Z0
Z0
ECL Output
= Z0
= Z0
CLC006
www.ti.com
SNLS015G – AUGUST 1998 – REVISED APRIL 2013
Figure 5. DC Coupled Input
Figure 6. Single Ended 50
Ω ECL input
Figure 7. Differential 50
Ω ECL Input
OUTPUT INTERFACING
The CLC006’s class AB output stage, Figure 8, requires no standing current in the output transistors and
therefore requires no biasing or pull-down resistors. Advantages of this arrangement are lower power dissipation
and fewer external components. The output may be either D.C. or A.C. coupled to the load. A bandgap voltage
reference sets output voltage levels which are compatible with F100K and 10K ECL when correctly terminated.
The outputs do not have the same output voltage temperature coefficient as 10K. Therefore, noise margins will
be reduced over the full temperature range when driving 10K ECL. Noise margins will not be affected when
interfacing to F100K since F100K is fully voltage and temperature compensated.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CLC006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com