Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7611P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7611P
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7611P Datasheet(HTML) 2 Page - Texas Instruments

  DAC7611P Datasheet HTML 1Page - Texas Instruments DAC7611P Datasheet HTML 2Page - Texas Instruments DAC7611P Datasheet HTML 3Page - Texas Instruments DAC7611P Datasheet HTML 4Page - Texas Instruments DAC7611P Datasheet HTML 5Page - Texas Instruments DAC7611P Datasheet HTML 6Page - Texas Instruments DAC7611P Datasheet HTML 7Page - Texas Instruments DAC7611P Datasheet HTML 8Page - Texas Instruments DAC7611P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
2
DAC7611
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, and VDD = +5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC7611P, U
DAC7611PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
12
T
Bits
Relative Accuracy(1)
–2
±1/2
+2
–1
±1/4
+1
LSB
Differential Nonlinearity
Guaranteed Monotonic
–1
±1/2
+1
–1
±1/4
+1
LSB
Zero-Scale Error
Code 000H
–1
+1
+3
TT
T
LSB
Full Scale Voltage
Code FFFH
4.079
4.095
4.111
4.087
4.095
4.103
V
ANALOG OUTPUT
Output Current
Code 800H
±5
±7
TT
mA
Load Regulation
RLOAD ≥ 402Ω, Code 800H
13
TT
LSB
Capacitive Load
No Oscillation
500
T
pF
Short Circuit Current
±70
T
mA
Short Circuit Duration
GND or VDD
Indefinite
T
DIGITAL INPUT
Data Format
Serial
T
Data Coding
Straight Binary
T
Logic Family
TTL
T
Logic Levels
VIH
2.4
T
V
VIL
0.8
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DYNAMIC PERFORMANCE
Settling Time(2) (tS)
To
±1 LSB of Final Value
7
T
µs
DAC Glitch
15
T
nV-s
Digital Feedthrough
2
T
nV-s
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TT
T
V
IDD
VIH = 5V, VIL = 0V, No Load, at Code 000H
0.5
1
TT
mA
Power Dissipation
VIH = 5V, VIL = 0V, No Load
2.5
5
TT
mW
Power Supply Sensitivity
∆V
DD = ±5%
0.001
0.004
TT
%/%
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Same specification as for DAC7611P, U.
NOTES: (1) This term is sometimes referred to as Linearity Error or Integral Nonlinearity (INL). (2) Specification does not apply to negative-going transitions where
the final output voltage will be within 3 LSBs of ground. In this region, settling time may be double the value indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com