Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2003CM Datasheet(PDF) 2 Page - Texas Instruments

Part # DS2003CM
Description  DS2003 High Current/Voltage Darlington Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS2003CM Datasheet(HTML) 2 Page - Texas Instruments

  DS2003CM Datasheet HTML 1Page - Texas Instruments DS2003CM Datasheet HTML 2Page - Texas Instruments DS2003CM Datasheet HTML 3Page - Texas Instruments DS2003CM Datasheet HTML 4Page - Texas Instruments DS2003CM Datasheet HTML 5Page - Texas Instruments DS2003CM Datasheet HTML 6Page - Texas Instruments DS2003CM Datasheet HTML 7Page - Texas Instruments DS2003CM Datasheet HTML 8Page - Texas Instruments DS2003CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS2003
SNLS394J – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range, TA
DS2003T
−40°C to +125°C
DS2003C
−40°C to +85°C
Junction Temperature Range, TJ
−40°C to +150°C
Lead Temperature
Soldering, 10 seconds
265°C
ESD Ratings
Human Body Model
+/-2000V
Machine Model
+/- 200V
Package Thermal Dissipation Ratings
NFG0016E Package
θJ-A
88°C/W
D0016A Package
θJ-A
115°C/W
Input Voltage
−0.3V to 30V
Output Voltage
55V
Emitter-Base Voltage
6.0V
Continuous Collector Current
500 mA
Continuous Base Current
25 mA
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be specified. They are not meant to imply
that the devices should be operated at these limits. The Electrical Characteristics provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Electrical Characteristics
TA = 25°C, unless otherwise specified
(1)
Parameter
Test Conditions
Min
Typ
Max
Units
ICEX
Output Leakage
TA = 25°C, VCE = 50V (Figure 6)
20
μA
Current
TA = 85°C, VCE = 50V (Figure 6)
100
TA = 125°C, VCE = 50V (Figure 6) for DS2003T
150
VCE(Sat)
Collector-Emitter
IC = 350mA, IB = 500μA (Figure 8)
(2)
1.25
1.6
V
Saturation Voltage
IC = 200mA, IB = 350μA (Figure 8)
1.1
1.3
IC = 100mA, IB = 250μA (Figure 8)
0.9
1.1
II(ON)
Input Current
VI = 3.85V (Figure 9)
0.93
1.35
mA
II(OFF)
Input Current
IC = 500µA (Figure 10)
50
100
μA
(3)
TA = +25°C
50
100
TA = +85°C
25
50
TA = +125C for DS2003T
10
25
VI(ON)
Input Voltage
VCE = 2.0V, IC = 200mA (Figure 11)
2.4
V
(4)
VCE = 2.0V, IC = 250mA (Figure 11)
2.7
VCE = 2.0V, IC = 300mA (Figure 11)
3.0
CI
Input Capacitance
15
30
pF
tPLH
Turn-On Delay
0.5 VI to 0.5 VO
1.0
μs
tPHL
Turn-Off Delay
0.5 VI to 0.5 VO
1.0
μs
(1)
All limits apply to the complete Darlington series except as specified for a single device type.
(2)
Under normal operating conditions these units will sustain 350 mA per output with VCE (Sat) = 1.6V at 70°C with a pulse width of 20 ms
and a duty cycle of 30%.
(3)
The II(OFF) current limit ensured against partial turn-on of the output.
(4)
The VI(ON) voltage limit ensures a minimum output sink current per the specified test conditions.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com