Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0201S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # N0201S
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0201S Datasheet(HTML) 2 Page - Renesas Technology Corp

  N0201S Datasheet HTML 1Page - Renesas Technology Corp N0201S Datasheet HTML 2Page - Renesas Technology Corp N0201S Datasheet HTML 3Page - Renesas Technology Corp N0201S Datasheet HTML 4Page - Renesas Technology Corp N0201S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N0201S
R07DS0719EJ0100
Rev.1.00
Page 2 of 5
Mar 30, 2012
TYPICAL CHARACTERISTICS (Ta = 25C)
DERATING FACTOR FORWARD BIAS
SAFE OPERATING AREA
0
20
40
60
80
100
120
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
SAFE OPERATING AREA
0.01
0.1
1
10
100
10
1
1 ms
10 ms
100 ms
VCE - Collector to Emitter Voltage - (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0.01
0.02
0.03
0.04
0
02468
10
VCE - Collector to Emitter Voltage - (V)
VCE - Collector to Emitter Voltage - (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
0.2
0.4
0.6
0.8
1
0
0.4
0.8
1.2
1.6
2
IB = 10
μA
20
30
40
50
60
70
80
90
100
1.0
1.5
2.0
2.5
3.5
3.0
4.0
4.5
5.0
IB = 0.5 mA
IC - Collector Current - (A)
10
100
1000
0.001
0.01
0.1
1
10
VCE = 1 V
Pulsed
125˚C
25˚C
25˚C
DC CURRENT GAIN vs.
COLLECTOR CURRENT
COLLECTOR AND BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
VBE(sat)
VCE(sat)
IC = 10
IB
IC - Collector Current - (A)
Ta = 25˚C
Single pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com