Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3SF11YTZ Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC3SF11YTZ
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11YTZ Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC3SF11YTZ Datasheet HTML 3Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 4Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 5Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 6Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 7Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 8Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 9Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 10Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
PC3SF11YVZ Series
Fig.9 Turn-on Time vs. Forward Current
Sheet No.: D2-A08001EN
10
−10
10
−8
10
−6
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
10
−7
10
−9
VD=600V
Remarks : Please be aware that all data in the graph are just for reference.
Fig.8 Repetitive Peak OFF-state Current vs.
Ambient Temperature
10
100
1 000
110
100
Forward current IF (mA)
VD=6V
RL=100Ω
Ta=25˚C
Fig.7 Holding Current vs.
Ambient Temperature
0.1
1
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com