Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC814XJ0000F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC814XJ0000F
Description  DIP 4pin AC Input Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC814XJ0000F Datasheet(HTML) 1 Page - Sharp Corporation

  PC814XJ0000F Datasheet HTML 1Page - Sharp Corporation PC814XJ0000F Datasheet HTML 2Page - Sharp Corporation PC814XJ0000F Datasheet HTML 3Page - Sharp Corporation PC814XJ0000F Datasheet HTML 4Page - Sharp Corporation PC814XJ0000F Datasheet HTML 5Page - Sharp Corporation PC814XJ0000F Datasheet HTML 6Page - Sharp Corporation PC814XJ0000F Datasheet HTML 7Page - Sharp Corporation PC814XJ0000F Datasheet HTML 8Page - Sharp Corporation PC814XJ0000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC814XJ0000F
Series
1. Recognized by UL1577, file No. E64380 (as model
No. PC814)
2. Approved by VDE (DIN EN60747-5-2
(∗)) (as an op-
tion), file No. 40008087 (as model No. PC814)
3. Package resin : UL flammability grade (94V-0)
(∗)DIN EN60747-5-2 : successor standard of DIN VDE0884
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
2. Telephone sets, telephone exchangers
3. System appliances
4. Signal transmission between circuits of different po-
tentials and impedances
■ Applications
DIP 4pin
AC Input Photocoupler
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. AC input type
4. High collector-emitter voltage (VCEO : 80V)
5. Current transfer ratio (CTR : MIN. 20% at IF=±1mA,
VCE=5V)
6. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
7. Lead-free and RoHS directive compliant
∗4-channel package type is also available.
(model No. PC844XJ0000F Series)
■ Description
PC814XJ0000F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4pin DIP, available in SMT gullw-
ing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V and CTR is 20% to
300% at input current of ±1mA.
1
Sheet No.: D2-A03503EN
Date Sep. 1. 2006
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC814XJ0000F Series


Similar Part No. - PC814XJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC814X SHARP-PC814X Datasheet
356Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
More results

Similar Description - PC814XJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81410NSZ0F SHARP-PC81410NSZ0F Datasheet
233Kb / 14P
DIP 4pin High CMR, AC Input, Low Input Current Photocoupler
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com