Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81103NIP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC81103NIP0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81103NIP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC81103NIP0F Datasheet HTML 2Page - Sharp Corporation PC81103NIP0F Datasheet HTML 3Page - Sharp Corporation PC81103NIP0F Datasheet HTML 4Page - Sharp Corporation PC81103NIP0F Datasheet HTML 5Page - Sharp Corporation PC81103NIP0F Datasheet HTML 6Page - Sharp Corporation PC81103NIP0F Datasheet HTML 7Page - Sharp Corporation PC81103NIP0F Datasheet HTML 8Page - Sharp Corporation PC81103NIP0F Datasheet HTML 9Page - Sharp Corporation PC81103NIP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Sheet No.: D2-A03802EN
1
100
10
01
3
2
Forward voltage VF (V)
Ta=25˚C
Ta=75˚C
Ta=100˚C
Ta=50˚C
Ta=0˚C
Ta=−25˚C
Fig.6 Forward Current vs. Forward Voltage
Duty ratio
Pulse width
≤100µs
Ta
=25˚C
10
1 000
100
10−
2
10−
3
10−
1
1
Fig.5 Peak Forward Current vs. Duty Ratio
Ambient temperature Ta (˚C)
0
50
40
30
20
10
−30
0
25
50 55
75
100
125
Fig.1 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
100
80
70
60
40
20
−30
0
25
50 55
75
100
125
Fig.2 Diode Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Total Power Dissipation vs. Ambient
Temperature
6
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125
PC8110xNSZ0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com