Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337LM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM337LM/NOPB
Description  LM337L 3-Terminal Adjustable Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337LM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM337LM/NOPB Datasheet HTML 1Page - Texas Instruments LM337LM/NOPB Datasheet HTML 2Page - Texas Instruments LM337LM/NOPB Datasheet HTML 3Page - Texas Instruments LM337LM/NOPB Datasheet HTML 4Page - Texas Instruments LM337LM/NOPB Datasheet HTML 5Page - Texas Instruments LM337LM/NOPB Datasheet HTML 6Page - Texas Instruments LM337LM/NOPB Datasheet HTML 7Page - Texas Instruments LM337LM/NOPB Datasheet HTML 8Page - Texas Instruments LM337LM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM337L
www.ti.com
SNVS780D – MAY 1998 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Power Dissipation
Internally Limited
Input–Output Voltage Differential
40V
Operating Junction
Temperature Range
−25°C to +125°C
Storage Temperature
−55°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
300°C
Plastic Package (Soldering 4 sec.)
260°C
ESD Rating
1.5kV(3)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
Electrical Characteristics
(1)
Parameter
Conditions
Min
Typ
Max
Units
Line Regulation
TA = 25°C, 3V ≤ |VIN − VOUT| ≤ 40V
(2)
0.01
0.04
%/V
Load Regulation
TA = 25°C, 5mA ≤ IOUT ≤ IMAX
(2)
0.1
0.5
%
Thermal Regulation
TA = 25°C, 10ms Pulse
0.04
0.2
%/W
Adjustment Pin Current
50
100
μA
Adjustment Pin Current Change
5mA
≤ IL ≤ 100mA
0.2
5
μA
3V
≤ |VIN − VOUT| ≤ 40V
Reference Voltage
3V
≤ |VIN − VOUT| ≤ 40V
(3)
1.20
1.25
1.30
V
10mA
≤ IOUT ≤ 100mA, P ≤ 625mW
Line Regulation
3V
≤ |VIN − VOUT| ≤ 40V
(2)
0.02
0.07
%/V
Load Regulation
5mA
≤ IOUT ≤ 100mA
(2)
0.3
1.5
%
Temperature Stability
TMIN ≤ Tj ≤ TMAX
0.65
%
Minimum Load Current
|VIN − VOUT| ≤ 40V
3.5
5
mA
3V
≤ |VIN − VOUT| ≤ 15V
2.2
3.5
mA
Current Limit
3V
≤ |VIN − VOUT| ≤ 13V
100
200
320
mA
|VIN − VOUT| = 40V
25
50
120
mA
Rms Output Noise, % of VOUT
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Ripple Rejection Ratio
VOUT = −10V, F = 120 Hz, CADJ = 0
65
dB
CADJ = 10μF
66
80
dB
Long-Term Stability
TA = 125°C
0.3
1
%
(1)
Unless otherwise specified, these specifications apply
−25°C ≤ TJ ≤ + 125°C for the LM337L; |VIN − VOUT| = 5V and IOUT = 40mA.
Although power dissipation is internally limited, these specifications are applicable for power dissipations up to 625 mW. IMAX is 100mA.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(3)
Thermal resistance of the TO-92 package is 180°C/W junction to ambient with 0.4
″ leads from a PC board and 160°C/W junction to
ambient with 0.125
″ lead length to PC board. The SOIC package θJA is 180°C/W in still air. The 6-Bump DSBGA package θJA is
290°C/W in still air.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM337L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com