Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX917 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX917
Description  SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX917 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX917_07 Datasheet HTML 1Page - Maxim Integrated Products MAX917_07 Datasheet HTML 2Page - Maxim Integrated Products MAX917_07 Datasheet HTML 3Page - Maxim Integrated Products MAX917_07 Datasheet HTML 4Page - Maxim Integrated Products MAX917_07 Datasheet HTML 5Page - Maxim Integrated Products MAX917_07 Datasheet HTML 6Page - Maxim Integrated Products MAX917_07 Datasheet HTML 7Page - Maxim Integrated Products MAX917_07 Datasheet HTML 8Page - Maxim Integrated Products MAX917_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SOT23, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX917/MAX918
(VCC = +5V, VEE = 0V, VIN+ = VREF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+6V
Voltage Inputs (IN+, IN-, REF) .........(VEE - 0.3V) to (VCC + 0.3V)
Current Into Input Pins......................................................±20mA
Output Voltage
MAX917/MAX919 ........................(VEE - 0.3V) to (VCC + 0.3V)
MAX918/MAX920 ......................................(VEE - 0.3V) to +6V
Output Current..................................................................±50mA
Output Short-Circuit Duration .............................................10sec
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.31mW/°C above +70°C).........571mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCC = 1.8V
VCC = 1.8V
VCC = 5V
VCC = 1.8V
VCC = 5V
Output-Voltage Swing Low
VOL
190
400
mV
500
55
200
TA = TMIN to TMAX
TA = +25°C
300
VCC = 5V,
ISINK = 8mA
TA = TMIN to TMAX
VCC = 1.8V,
ISINK = 1mA
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
10
Input Offset Voltage
VOS
15
mV
IN+ Voltage Range
VIN+
VEE - 0.2
VCC + 0.2
V
1.60
Input-Referred Hysteresis
VHB
4
mV
Input Bias Current
IB
0.15
1
nA
2
Power-Supply Rejection Ratio
PSRR
0.1
1
mV/V
Supply Current
Supply Voltage Range
VCC
1.8
5.5
V
ICC
0.75
µA
0.80
1.30
Output-Voltage Swing High
VCC - VOH
190
400
mV
500
55
200
300
Output Leakage Current
ILEAK
0.001
1
µA
Output Short-Circuit Current
ISC
95
mA
8
98
10
CONDITIONS
MAX917 only, VCC =
5V, ISOURCE = 8mA
(Note 2)
Inferred from the output swing test
(Note 3)
MAX917 only, VCC =
1.8V, ISOURCE = 1mA
VCC = 1.8V to 5.5V
MAX918 only, VO = 5.5V
Sourcing, VO = VEE
Inferred from the PSRR test
Sinking, VO = VCC
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com