Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3356 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC3356
Description  NPN Silicon RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3356 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC3356 Datasheet HTML 1Page - Renesas Technology Corp 2SC3356 Datasheet HTML 2Page - Renesas Technology Corp 2SC3356 Datasheet HTML 3Page - Renesas Technology Corp 2SC3356 Datasheet HTML 4Page - Renesas Technology Corp 2SC3356 Datasheet HTML 5Page - Renesas Technology Corp 2SC3356 Datasheet HTML 6Page - Renesas Technology Corp 2SC3356 Datasheet HTML 7Page - Renesas Technology Corp 2SC3356 Datasheet HTML 8Page - Renesas Technology Corp 2SC3356 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC3356
R09DS0021EJ0300 Rev.3.00
Page 5 of 7
Jun 28, 2011
SMITH CHART
S21e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
0˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
5
10
15
20
S21e
0.2 GHz
2.0 GHz
S12e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
0˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
0.05
0.1
0.15
0.2 0.25
S12e
0.2 GHz
2.0 GHz
S11e, S22e-FREQUENCY
CONDITION : VCE = 10 V, 200 MHz Step
60
50
70
80
90
100
110
120
130
0.18
0.16
0.14
0.12
0.10
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.32
0.34
0.36
0.38
0.40
0.42
0.33
0.35
0.37
0.39
0.41
0.43
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
0.3
0.2
0.1
0.4
50
10
6.0
4.0
3.0
20
0.2 GHz
2.0 GHz
2.0 GHz
0.2 GHz
IC = 20 mA
S22e
S11e
IC = 20 mA
IC = 5 mA
IC = 5 mA
0.2
0.4
0.6
0.8
1.0
0.2
0.8
0.6
0.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com