Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD421EB Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-AD421EB
Description  Loop-Powered 4 mA to 20 mA DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD421EB Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-AD421EB Datasheet HTML 6Page - Analog Devices EVAL-AD421EB Datasheet HTML 7Page - Analog Devices EVAL-AD421EB Datasheet HTML 8Page - Analog Devices EVAL-AD421EB Datasheet HTML 9Page - Analog Devices EVAL-AD421EB Datasheet HTML 10Page - Analog Devices EVAL-AD421EB Datasheet HTML 11Page - Analog Devices EVAL-AD421EB Datasheet HTML 12Page - Analog Devices EVAL-AD421EB Datasheet HTML 13Page - Analog Devices EVAL-AD421EB Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD421
–12–
REV. C
DVDD AVDD
REF IN
CS
DATA OUT
SCLK
DATA IN
AGND
DGND
MCLK IN
MCLK OUT
AD7714/
AD7715
ANALOG
TO
DIGITAL
CONVERTER
SENSORS
RTD
mV
TC
REF OUT1
BOOST
VCC
LV
COMP
DRIVE
LOOP
RTN
REF OUT2
REF IN
CLOCK
LATCH
DATA
COM
C1
C2
C3
LOOP
POWER
0.01 F
DN25D
2.2 F
3.3V
1.25V
4.7 F
AMBIENT
TEMP
SENSOR
AD421
MICROCONTROLLER
VCC
GND
WAVEFORM
SHAPER
BANDPASS
FILTER
HART
MODEM
BELL 202
0.1 F
0.01 F
1k
1000pF
CC*
HT20C12/20C15
4.7 F
100k
*FOR SELECTION OF CC, REFER TO AN-534
Figure 17. AD421 in HART Transmitter Application
across R2. The ratio of R1 to R2 determines the current that
flows in the load resistor RL. IL = [1 + R1/R2]
× IPROG, where IL
is the current that flows in the load resistor RL and IPROG is the
current programmed to the AD421. R1 and R2 are external to
the AD421 and will need to be matched resistors to obtain a
highly accurate current source.
Current Source
Figure 18 shows an application circuit for the AD421 being
used as a current source. The current programmed to the
AD421 (4 mA to 20 mA) will develop a voltage across R1.
This same voltage due to negative feedback will be generated
LOOP
RTN
R2
RL
R1
C1
C2
C3
COM
VCC
LV
2.2 F
COM
DRIVE
COMP
BOOST
0.01 F
0.01 F
0.0033 F
LATCH
CLOCK
DATA
REF IN
REF OUT2
REF OUT1
4.7 F
COM
AD421
+5V
10k
10k
10k
CLOCK
LATCH
DATA
VS RETURN
5 VOLT
REGULATOR
OUT
IN
VS
COM
Figure 18. AD421 in Programmable Current Source/Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com