| Electronic Components Datasheet Search |
|
AD977AR Datasheet(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977AR Datasheet(HTML) 11 Page - Analog Devices |
|
11 / 24 page ![]() AD977/AD977A –11– REV. D EXTERNAL DISCONTINUOUS CLOCK DATA READ DURING CONVERSION WITH SYNC OUTPUT GENERATED Figure 7 illustrates the method by which data from conversion “n-1” can be read during conversion “n” while using a discon- tinuous external clock, with the generation of a SYNC output. What permits the generation of a SYNC output is a transition of DATACLK while either CS is High or while both CS and R/C are low. In Figure 7 a conversion is initiated by taking R/ C low with CS tied low. While this condition exists a transition of DATACLK, clock pulse #0, will enable the generation of a SYNC pulse. Less then 83 ns after R/ C is taken low the BUSY output will go low to indicate that the conversion process has began. Figure 7 shows R/ C then going high and after a delay of greater than 15 ns (t15) clock pulse #1 can be taken high to request the SYNC output. The SYNC output will appear approximately 40 ns after this rising edge and will be valid on the falling edge of clock pulse #1 and the rising edge of clock pulse #2. The MSB will be valid approximately 40 ns after the rising edge of clock pulse #2 and can be latched off either the falling edge of clock pulse #2 or the rising edge of clock pulse #3. The LSB will be valid on the falling edge of clock pulse #17 and the rising edge of clock pulse #18. Approximately 40 ns after the rising edge of clock pulse #18, the DATA output pin will reflect the state of the TAG input pin during the rising edge of clock pulse #2. BUSY R/C EXT DATACLK t13 BIT 15 (MSB) BIT 14 12 DATA SYNC t14 t12 0 3 17 18 t2 t17 BIT 0 (LSB) TAG 0 TAG 1 TAG 0 TAG 1 TAG 2 TAG 16 TAG 17 TAG 18 t18 TAG 19 TAG TAG 2 4 t15 t15 t15 t12 t18 t24 t23 Figure 6. Conversion and Read Timing Using An External Discontinuous Data Clock (EXT/ INT Set to Logic High, CS Set to Logic Low) BUSY R/C EXT DATACLK t13 t15 BIT 15 (MSB) BIT 14 12 DATA SYNC t14 t12 0 318 t1 t12 BIT 0 (LSB) TAG 0 t22 t15 t 20 t2 t17 t18 t18 Figure 7. Conversion and Read Timing for Reading Previous Conversion Results During a Conversion Using External Discontinuous Data Clock (EXT/ INT Set to Logic High, CS Set to Logic Low) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |