Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151RDT6 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32L151RDT6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT6 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32L151RDT6 Datasheet HTML 50Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 51Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 52Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 53Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 54Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 55Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 56Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 57Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 140 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
54/140
Doc ID 022027 Rev 6
6.1.6
Power supply scheme
Figure 11.
Power supply scheme
6.1.7
Current consumption measurement
Figure 12.
Current consumption measurement scheme
MS18291V2
VDD1/2/.../N
Analog:
RCs, PLL,
...
GP I/O s
OUT
IN
Kernel logic
(CPU,
Digital
& Memories)
Standby-power circuitry
(OSC32K,RTC,
RTC backup registers)
Wake-up logic
N × 100 nF
+ 1 × 4.7 µF
Regulator
VSS1/2/.../N
VDDA
VREF+
VREF-
VSSA
ADC
IO
Logic
VDD
10 nF
+ 1 µF
VREF
10 nF
+ 1 µF
VDD
ai14126b
VDD
VDDA
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com