Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151RDT6 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32L151RDT6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L151RDT6 Datasheet HTML 105Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 106Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 107Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 108Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 109Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 110Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 111Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 112Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 140 page
background image
STM32L151xD STM32L152xD
Electrical characteristics
Doc ID 022027 Rev 6
109/140
6.3.18
SDIO characteristics
Figure 33.
SDIO timings
Table 59. SDIO characteristics(1)
1.
Based on characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
fPP
Clock frequency in data transfer mode
CL
≤ 30 pF
0
24
MHz
tW(CKL) Clock low time, fPP = 24 MHz
CL
≤ 30 pF
20(2)
2.
Values measured with a threshold level equal to VDD/2.
-
ns
tW(CKH) Clock high time, fPP = 24 MHz
CL
≤ 30 pF
18(2)
-
tr
Clock rise time, fPP = 24 MHz
CL
≤ 30 pF
-
5
tf
Clock fall time, fPP = 24 MHz
CL
≤ 30 pF
-
5
CMD, D inputs (referenced to CK) in SD default mode
From 2.8
to 3.6 V
tISU
Input setup time, fPP = 24 MHz
CL
≤ 30 pF
2
-
ns
tIH
Input hold time, fPP = 24 MHz
CL
≤ 30 pF
1.6
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time, fPP = 24 MHz
CL
≤ 30 pF
0
14
ns
tOHD
Output hold default time, fPP = 24 MHz
CL
≤ 30 pF
0
-
tW(CKH)
CK
D, CMD(output)
D, CMD(input)
tC
tW(CKL)
tOVD
tISU
tIH
tf
tr
tOHD
MS31068V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com