Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5160BRJZ50-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5160BRJZ50-R2
Description  256-Position SPI-Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ50-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD5160BRJZ50-R2 Datasheet HTML 1Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 2Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 3Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 4Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 5Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 6Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 7Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 8Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD5160
Rev. B | Page 5 of 16
TIMING CHARACTERISTICS—ALL VERSIONS
VDD = +5V ± 10%, or +3V ± 10%; VA = VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS1, 2
Specifications apply to all parts
Clock Frequency
fCLK
25
MHz
Input Clock Pulse Width
tCH, tCL
Clock level high or low
20
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
CS Setup Time
tCSS
15
ns
CS High Pulse Width
tCSW
40
ns
CLK Fall to CS Fall Hold Time
tCSH0
0
ns
CLK Fall to CS Rise Hold Time
tCSH1
0
ns
1 See the timing diagram, Figure 38, for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a
voltage level of 1.5 V.
2 Guaranteed by design and not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com