Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560JSVUZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 54Page - Analog Devices AD5560JSVUZ Datasheet HTML 55Page - Analog Devices AD5560JSVUZ Datasheet HTML 56Page - Analog Devices AD5560JSVUZ Datasheet HTML 57Page - Analog Devices AD5560JSVUZ Datasheet HTML 58Page - Analog Devices AD5560JSVUZ Datasheet HTML 59Page - Analog Devices AD5560JSVUZ Datasheet HTML 60Page - Analog Devices AD5560JSVUZ Datasheet HTML 61Page - Analog Devices AD5560JSVUZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 58 of 68
Table 26. AD5560 Truth Table of Switches1
Reg
Bit Name
Bit
SW1
SW2
SW3
SW4
SW7
SW13
SW14
SW15
SW5
SW6
SW8
SW9
SW11
SW16
System
Control
Register
Gain0,
Gain1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
FINGND
0
B
X
X
X
X
X
X
X
X
X
X
X
X
X
1
A
X
X
X
X
X
X
X
X
X
X
X
X
X
CPO
X
X
X
X
X
X
X
X
X
X
X
X
X
X
PD2, 3
X
X
X
X
X
X
X
X
X
X
X
X
X
On
DPS Register 1
SW-INH2
04
X
c
X
X
X
X
X
X
X
X
X
X
X
X
15
X
a
X
X
X
X
X
X
X
X
X
X
X
X
I2, I1, I0
000
X
X
X
On
On
Off
Off
Off
X
X
X
X
X
X
001
X
X
X
On
On
Off
Off
Off
X
X
X
X
X
X
010
X
X
X
On
On
Off
Off
Off
X
X
X
X
X
X
011
X
X
X
On
On
Off
Off
Off
X
X
X
X
X
X
100
X
X
X
On
On
Off
Off
Off
X
X
X
X
X
X
101
X
X
X
Off
Off
Off
On
On
X
X
X
X
X
X
110
X
X
X
Off
Off
On
Off
On
X
X
X
X
X
X
CMP1, CMP0
00
X
X
X
X
X
X
X
X
X
X
X
X
X
X
01
X
X
X
X
X
X
X
X
X
X
X
X
X
X
10
X
X
a
X
X
X
X
X
X
X
X
X
X
X
11
X
X
b
X
X
X
X
X
X
X
X
X
X
X
ME3, ME2,
ME1, ME0
000
X
X
X
X
X
X
X
X
X
X
X
X
X
Off
001
X
X
X
X
X
X
X
X
X
X
X
X
X
On
010
X
X
X
X
X
X
X
X
X
X
X
X
X
On
011
X
X
X
X
X
X
X
X
X
X
X
X
X
On
100
X
X
X
X
X
X
X
X
X
X
X
X
X
On
101
X
X
X
X
X
X
X
X
X
X
X
X
X
On
110
X
X
X
X
X
X
X
X
X
X
X
X
X
On
111
X
X
X
X
X
X
X
X
X
X
X
X
X
On
DPS Register 2
SF0
0
X
X
X
X
X
X
X
X
X
X
Off
Off
X
X
1
X
X
X
X
X
X
X
X
X
X
On
On
X
X
Slave,
GANGIMODE
006
b
a
X
X
X
X
X
X
a
Off
X
X
X
X
017
b
a
X
X
X
X
X
X
b
Off
X
X
X
X
108
c
c
X
X
X
X
X
X
Off
On
X
X
X
X
119
c
b
X
X
X
X
X
X
Off
On
X
X
X
X
INT10K
0
X
X
X
X
X
X
X
X
X
X
X
X
Off
X
1
X
X
X
X
X
X
X
X
X
X
X
X
On
X
Hardware Pins
HW_INH2
X
c
X
X
X
X
X
X
X
X
X
X
X
X
CLEN
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1 X = don’t care; the switch is unaffected by the particular bit condition.
2 Active low.
3
Power-down mode; used for low power consumption.
4
Force amplifier outputs tristate, low leakage mode; feedback made around amplifier.
5 FV mode.
6
Master: MASTER_OUT = internally connects to active EXTFORCE1/EXTFORCE2/25 mA output.
7
Master: MASTER_OUT = master MI.
8
Slave FV: EXTFORCE1/EXTFORCE2/25 mA connected internally to close the FVAMP loop.
9
Slave FI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com