Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7450ARZ
Description  Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD7450ARZ Datasheet HTML 1Page - Analog Devices AD7450ARZ Datasheet HTML 2Page - Analog Devices AD7450ARZ Datasheet HTML 3Page - Analog Devices AD7450ARZ Datasheet HTML 4Page - Analog Devices AD7450ARZ Datasheet HTML 5Page - Analog Devices AD7450ARZ Datasheet HTML 6Page - Analog Devices AD7450ARZ Datasheet HTML 7Page - Analog Devices AD7450ARZ Datasheet HTML 8Page - Analog Devices AD7450ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AD7450
–3–
Parameter
Conditions/Comments
A Version
B Version
Unit
CONVERSION RATE
Conversion Time
888 ns with an 18 MHz SCLK
16
16
SCLK Cycles
1.07
µs with a 15 MHz SCLK
Track-and-Hold
Sine Wave Input
200
200
ns max
Acquisition Time
3, 8
Throughput Rate
9
VDD = 5 V
1
1
MSPS max
VDD = 3 V
833
833
kSPS max
POWER REQUIREMENTS
VDD
Range: 3 V
± 10%; 5 V ± 5%
3/5
3/5
V min/max
IDD
10, 11
Normal Mode (Static)
VDD = 3 V/5 V SCLK; ON or OFF
0.5
0.5
mA typ
Normal Mode (Operational)
VDD = 5 V; fSAMPLE = 1 MSPS
1.8
1.8
mA max
VDD = 3 V; fSAMPLE = 833 kSPS
1.25
1.25
mA max
Full Power-Down Mode
SCLK ON or OFF
1
1
µA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V; fSAMPLE = 1 MSPS;
9
9
mW max
1.38 mW typ for 100 KSPS
10
VDD = 3 V; fSAMPLE = 833 kSPS;
3.75
3.75
mW max
0.53 mW typ for 100 KSPS
10
Full Power-Down Mode
VDD = 5 V; SCLK ON or OFF
5
5
µW max
VDD = 3 V; SCLK ON or OFF
3
3
µW max
NOTES
1Temperature range is as follows: A and B Versions: –40
°C to +85°C.
2Common-mode voltage. The input signal can be centered on any choice of dc common-mode voltage as long as this value is in the range specified in Figures 8 and 9.
3See Terminology section.
4A 200 mV p-p sine wave, varying in frequency from 1 kHz to 200 kHz is coupled onto V
DD. A 2.2 nF capacitor is used to decouple VDD to GND.
5If the input spans of V
IN+ and VIN– are both VREF, and they are 180
° out of phase, the differential voltage is 2
VREF.
6The AD7450 is functional with a reference input from 100 mV and for V
DD = 5 V, the reference can range up to 3.5 V (see References section).
7The AD7450 is functional with a reference input from 100 mV and for V
DD = 3 V, the reference can range up to 2.2 V (see References section).
8Sample tested @ 25
°C to ensure compliance.
9See Serial Interface section.
10See Power Versus Throughput Rate section.
11Measured with a midscale dc input.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com