Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7836AS Datasheet(PDF) 9 Page - Analog Devices

Part # AD7836AS
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836AS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7836AS Datasheet HTML 4Page - Analog Devices AD7836AS Datasheet HTML 5Page - Analog Devices AD7836AS Datasheet HTML 6Page - Analog Devices AD7836AS Datasheet HTML 7Page - Analog Devices AD7836AS Datasheet HTML 8Page - Analog Devices AD7836AS Datasheet HTML 9Page - Analog Devices AD7836AS Datasheet HTML 10Page - Analog Devices AD7836AS Datasheet HTML 11Page - Analog Devices AD7836AS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7836
–9–
REV. A
Power-On with CLR Low
The output stage of the AD7836 has been designed to allow
output stability during power-on. If CLR is kept low during
power-on, then just after power is applied to the AD7836, the
situation is as depicted in Figure 14. G1, G4 and G6 are open
while G2, G3 and G5 are closed.
DAC
G1
G3
VOUT
6k
G6
G4
G5
G2
DUTGND
R
R
Figure 14. Output Stage with VDD < 10 V
VOUT is kept within a few hundred millivolts of DUTGND via
G5 and a 6k
Ω resistor. This thin-film resistor is connected in
parallel with the gain resistors of the output amplifier. The out-
put amplifier is connected as a unity gain buffer via G3, and the
DUTGND voltage is applied to the buffer input via G2. The
amplifier’s output is thus at the same voltage as the DUTGND
pin. The output stage remains configured as in Figure 14 until
the voltage at VDD and VSS reaches approximately
±10 V. By
now the output amplifier has enough headroom to handle sig-
nals at its input and has also had time to settle. The internal
power-on circuitry opens G3 and G5 and closes G4 and G6. This
situation is shown in Figure 15. Now the output amplifier is
configured in its noise gain configuration via G4 and G6. The
DUTGND voltage is still connected to the noninverting input
via G2 and this voltage appears at VOUT.
DAC
G1
G3
VOUT
6k
G6
G4
G5
G2
DUTGND
R
R
Figure 15. Output Stage with VDD > 10 V and CLR Low
VOUT has been disconnected from the DUTGND pin by the
opening of G5 but will track the voltage present at DUTGND
via the configuration shown in Figure 15.
When CLR is taken back high, the output stage is configured as
shown in Figure 16. The internal control logic closes G1 and
opens G2. The output amplifier is connected in a noninverting
gain of two configuration. The voltage that appears on the Vout
pins is determined by the data present in the DAC registers. To
set all output voltages to the same known state, a write to
DATA REG E with the SEL pin high allows all DAC registers
to be updated with the same data.
DAC
G1
G3
VOUT
6k
G6
G4
G5
G2
DUTGND
R
R
Figure 16. Output Stage After CLR Is Taken High
Power-On with CLR High
If CLR is high on the application of power to the device, the
output stages of the AD7836 are configured as in Figure 17
while VDD/VSS are less than
±10 V. G1 is closed and G2 is open
thereby connecting the output of the DAC to the input of its
output amplifier. G3 and G5 are closed while G4 and G6 are
open thus connecting the output amplifier as a unity gain
buffer. VOUT is connected to DUTGND via G5 through a 6 k
Ω
resistor until VDD and VSS reach approximately
±10 V.
DAC
G1
G3
VOUT
6k
G6
G4
G5
G2
DUTGND
R
R
Figure 17. Output Stage Powering Up with CLR High
While VDD/VSS <
±10 V
When the supplies reach
±10 V, the internal power on circuitry
opens G3 and G5 and closes G4 and G6 configuring the output
stage as shown in Figure 18.
DAC
G1
G3
VOUT
6k
G6
G4
G5
G2
DUTGND
R
R
Figure 18. Output Stage Powering Up with CLR High
When VDD/VSS >
±10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com