Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8280 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8280 Datasheet HTML 7Page - Analog Devices AD8280 Datasheet HTML 8Page - Analog Devices AD8280 Datasheet HTML 9Page - Analog Devices AD8280 Datasheet HTML 10Page - Analog Devices AD8280 Datasheet HTML 11Page - Analog Devices AD8280 Datasheet HTML 12Page - Analog Devices AD8280 Datasheet HTML 13Page - Analog Devices AD8280 Datasheet HTML 14Page - Analog Devices AD8280 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8280
Rev. C | Page 11 of 24
–15
–10
–5
0
5
10
15
6
1014
1822
2630
STACK VOLTAGE (V)
VOLTAGE BETWEEN
VIN1 AND VIN2
VIN2 AND VIN3
VIN3 AND VIN4
VIN4 AND VIN5
VIN5 AND VIN6
VIN0 AND VIN1
Figure 21. Overvoltage Trip Point Error vs. Stack Voltage (VIN6 – VIN0)
–25
–20
–15
–10
–5
0
5
STACK VOLTAGE (V)
6
10141822
2630
VIN0 AND VIN1
VOLTAGE BETWEEN
VIN1 AND VIN2
VIN2 AND VIN3
VIN3 AND VIN4
VIN4 AND VIN5
VIN5 AND VIN6
Figure 22. Undervoltage Trip Point Error vs. Stack Voltage (VIN6 – VIN0)
–2
0
2
4
6
8
10
6
10
14
18222630
STACK VOLTAGE (V)
Figure 23. Input Bias Current vs. Stack Voltage (VIN6 – VIN0)
0
0.5
1.0
1.5
2.0
2.5
6
101418
222630
0
0.5
1.0
1.5
2.0
2.5
STACK VOLTAGE (V)
ENABLED
DISABLED
Figure 24. Supply Current vs. Stack Voltage (VIN6 – VIN0)
1.15
1.20
1.25
1.30
1.35
1.40
–50
–30
–10
10
30
TEMPERATURE (°C)
50
70
90
110
STACK VOLTAGE = 7.5V
STACK VOLTAGE = 18V
STACK VOLTAGE = 29.8V
Figure 25. Enabled Supply Current vs. Temperature
for Various Stack Voltages (VIN6 – VIN0)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
SOURCE CURRENT (mA)
LDO
REF
Figure 26. LDO and Reference Voltage vs. LDO Source Current,
Stack Voltage = 7.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com