Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435-600H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T435-600H
Description  4A TRIACS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T435-600H Datasheet(HTML) 3 Page - STMicroelectronics

  T435-600H Datasheet HTML 1Page - STMicroelectronics T435-600H Datasheet HTML 2Page - STMicroelectronics T435-600H Datasheet HTML 3Page - STMicroelectronics T435-600H Datasheet HTML 4Page - STMicroelectronics T435-600H Datasheet HTML 5Page - STMicroelectronics T435-600H Datasheet HTML 6Page - STMicroelectronics T435-600H Datasheet HTML 7Page - STMicroelectronics T435-600H Datasheet HTML 8Page - STMicroelectronics T435-600H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T4 Series
3/10
Table 5: Static Characteristics
Table 6: Thermal resistance
Symbol
Test Conditions
Value
Unit
VT (2)
ITM = 5.5 A
tp = 380 µs
Tj = 25°C
MAX.
1.56
V
Vto (2)
Threshold voltage
Tj = 125°C
MAX.
0.89
V
Rd (2)
Dynamic resistance
Tj = 125°C
MAX.
120
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 125°C
1mA
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1.
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
IPAK / DPAK / TO-220AB
2.6
°C/W
ISOWATT220AB
4.0
Rth(j-a)
Junction to ambient
S = 0.5 cm²
DPAK
70
°C/W
TO-220AB / ISOWATT220AB
60
IPAK
100
S = Copper surface under tab.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com