Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9281ARSZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9281ARSZ
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9281ARSZ Datasheet HTML 4Page - Analog Devices AD9281ARSZ Datasheet HTML 5Page - Analog Devices AD9281ARSZ Datasheet HTML 6Page - Analog Devices AD9281ARSZ Datasheet HTML 7Page - Analog Devices AD9281ARSZ Datasheet HTML 8Page - Analog Devices AD9281ARSZ Datasheet HTML 9Page - Analog Devices AD9281ARSZ Datasheet HTML 10Page - Analog Devices AD9281ARSZ Datasheet HTML 11Page - Analog Devices AD9281ARSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD9281
–8–
THEORY OF OPERATION
The AD9281 integrates two A/D converters, two analog input
buffers, an internal reference and reference buffer, and an out-
put multiplexer. For clarity, this data sheet refers to the two
converters as “I” and “Q.” The two A/D converters simulta-
neously sample their respective inputs on the rising edge of the
input clock. The two converters distribute the conversion opera-
tion over several smaller A/D sub-blocks, refining the conversion
with progressively higher accuracy as it passes the result from
stage to stage. As a consequence of the distributed conversion,
each converter requires a small fraction of the 256 comparators
used in a traditional flash-type 8-bit ADC. A sample-and-hold
function within each of the stages permits the first stage to oper-
ate on a new input sample while the following stages continue to
process previous samples. This results in a “pipeline processing”
latency of three clock periods between when an input sample is
taken and when the corresponding ADC output is updated into
the output registers.
The AD9281 integrates input buffer amplifiers to drive the
analog inputs of the converters. In most applications, these
input amplifiers eliminate the need for external op amps for the
input signals. The input structure is fully differential, but the
SHA common-mode response has been designed to allow the
converter to readily accommodate either single-ended or differ-
ential input signals. This differential structure makes the part
capable of accommodating a wide range of input signals.
The AD9281 also includes an on-chip bandgap reference and
reference buffer. The reference buffer shifts the ground-referred
reference to levels more suitable for use by the internal circuits
of the converter. Both converters share the same reference and
reference buffer. This scheme provides for the best possible gain
match between the converters while simultaneously minimizing
the channel-to-channel crosstalk.
Each A/D converter has its own output latch, which updates on
the rising edge of the input clock. A logic multiplexer, con-
trolled through the SELECT pin, determines which channel is
passed to the digital output pins. The output drivers have their
own supply, allowing the part to be interfaced to a variety of
logic families. The outputs can be placed in a high impedance
state using the CHIP SELECT pin.
The AD9281 has great flexibility in its supply voltage. The
analog and digital supplies may be operated from 2.7 V to 5.5 V,
independently of one another.
ANALOG INPUT
Figure 16 shows an equivalent circuit structure for the analog
input of one of the A/D converters. PMOS source-followers
buffer the analog input pins from the charge kickback problems
normally associated with switched capacitor ADC input struc-
tures. This produces a very high input impedance on the part,
allowing it to be effectively driven from high impedance sources.
This means that the AD9281 could even be driven directly by a
passive antialias filter.
ADC
CORE
+FS
LIMIT
–FS
LIMIT
BUFFER
BUFFER
IINA
IINB
VREF
+FS LIMIT =
VREF +VREF/2
–FS LIMIT =
VREF –VREF/2
OUTPUT
WORD
SHA
Figure 16. Equivalent Circuit for AD9281 Analog Inputs
The source followers inside the buffers also provide a level-shift
function of approximately 1 V, allowing the AD9281 to accept
inputs at or below ground. One consequence of this structure is
that distortion will result if the analog input comes within 1.4 V
of the positive supply. For optimum high frequency distortion
performance, the analog input signal should be centered accord-
ing to Figure 27.
The capacitance load of the analog input pin is 4 pF to the
analog supplies (AVSS, AVDD).
Full-scale setpoints may be calculated according to the following
algorithm (VREF may be internally or externally generated):
–FS = VREF – (VREF/2)
+FS = VREF + (VREF/2)
VSPAN = VREF
10.0
0.0E+0
0.0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
2.0E+6 4.0E+6 6.0E+6 8.0E+6 10.0E+6 12.0E+6 14.0E+6
FUND
5TH
6TH
4TH
7TH
3RD
9TH
2ND
8TH
Figure 15a. Simultaneous Operation of I and Q Channels
10.0
0.0E+0
0.0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
2.0E+6 4.0E+6 6.0E+6 8.0E+6 10.0E+6 12.0E+6 14.0E+6
FUND
5TH
4TH
7TH
3RD
2ND
8TH
6TH
Figure 15b. Simultaneous Operation of I and Q Channels
REV. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com