| Electronic Components Datasheet Search |
|
AD9523-1/PCBZ Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9523-1/PCBZ Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 60 page ![]() AD9523-1 Rev. B | Page 29 of 60 The acknowledge bit is the ninth bit attached to any 8-bit data byte (see Figure 34). An acknowledge bit is always generated by the receiving device (receiver) to inform the transmitter that the byte has been received. It is accomplished by pulling the SDA line low during the ninth clock pulse after each 8-bit data byte. The no acknowledge bit is the ninth bit attached to any 8-bit data byte. A no acknowledge bit is always generated by the receiving device (receiver) to inform the transmitter that the byte has not been received. It is accomplished by leaving the SDA line high during the ninth clock pulse after each 8-bit data byte. Data Transfer Process The master initiates data transfer by asserting a start condition. This indicates that a data stream follows. All I2C slave devices connected to the serial bus respond to the start condition. The master then sends an 8-bit address byte over the SDA line, consisting of a 7-bit slave address (MSB first), plus an R/W bit. This bit determines the direction of the data transfer, that is, whether data is written to or read from the slave device (0 = write, 1 = read). The peripheral whose address corresponds to the transmitted address responds by sending an acknowledge bit. All other devices on the bus remain idle while the selected device waits for data to be read from or written to it. If the R/W bit is 0, the master (transmitter) writes to the slave device (receiver). If the R/W bit is 1, the master (receiver) reads from the slave device (transmitter). The format for these commands is described in the section. Data Transfer Format Data is then sent over the serial bus in the format of nine clock pulses, one data byte (eight bits) from either master (write mode) or slave (read mode), followed by an acknowledge bit from the receiving device. The number of bytes that can be transmitted per transfer is unrestricted. In write mode, the first two data bytes immediately after the slave address byte are the internal memory (control registers) address bytes with the high address byte first. This addressing scheme gives a memory address of up to 216 − 1 = 65,535. The data bytes after these two memory address bytes are register data written into the control registers. In read mode, the data bytes after the slave address byte are register data read from the control registers. A single I2C transfer can contain multiple data bytes that can be read from or written to control registers whose address is automatically incremented starting from the base memory address. When all data bytes are read or written, stop conditions are established. In write mode, the master (transmitter) asserts a stop condition to end data transfer during the 10th clock pulse following the acknowledge bit for the last data byte from the slave device (receiver). In read mode, the master device (receiver) receives the last data byte from the slave device (transmitter) but does not pull it low during the ninth clock pulse. This is known as a no acknowledge bit. Upon receiving the no acknowledge bit, the slave device knows that the data transfer is finished and releases the SDA line. The master then takes the data line low during the low period before the 10th clock pulse and high during the 10th clock pulse to assert a stop condition. SDA MSB ACKNOWLEDGE FROM SLAVE-RECEIVER ACKNOWLEDGE FROM SLAVE-RECEIVER SCL S P 1 2 8 9 1 2 8 3 TO 7 3 TO 7 9 10 Figure 34. Acknowledge Bit SDA MSB = 0 ACKNOWLEDGE FROM SLAVE-RECEIVER ACKNOWLEDGE FROM SLAVE-RECEIVER SCL S P 1 2 8 9 1 2 8 3 TO 7 3 TO 7 9 10 Figure 35. Data Transfer Process (Master Write Mode, 2-Byte Transfer Used for Illustration) SDA ACKNOWLEDGE FROM MASTER-RECEIVER NO ACKNOWLEDGE FROM SLAVE-RECEIVER SCL S P 1 2 8 9 1 2 8 3 TO 7 3 TO 7 9 10 MSB = 1 Figure 36. Data Transfer Process (Master Read Mode, 2-Byte Transfer Used for Illustration) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |