Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB23P06 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTB23P06
Description  TMOS POWER FET 23 AMPERES 60 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB23P06 Datasheet(HTML) 1 Page - Motorola, Inc

  MTB23P06 Datasheet HTML 1Page - Motorola, Inc MTB23P06 Datasheet HTML 2Page - Motorola, Inc MTB23P06 Datasheet HTML 3Page - Motorola, Inc MTB23P06 Datasheet HTML 4Page - Motorola, Inc MTB23P06 Datasheet HTML 5Page - Motorola, Inc MTB23P06 Datasheet HTML 6Page - Motorola, Inc MTB23P06 Datasheet HTML 7Page - Motorola, Inc MTB23P06 Datasheet HTML 8Page - Motorola, Inc MTB23P06 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS V™
Power Field Effect Transistor
D2PAK for Surface Mount
P–Channel Enhancement–Mode Silicon Gate
TMOS V is a new technology designed to achieve an on–resis-
tance area product about one–half that of standard MOSFETs. This
new technology more than doubles the present cell density of our
50 and 60 volt TMOS devices. Just as with our TMOS E–FET
designs, TMOS V is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and
power motor controls, these devices are particularly well suited for
bridge circuits where diode speed and commutating safe operating
areas are critical and offer additional safety margin against
unexpected voltage transients.
New Features of TMOS V
• On–resistance Area Product about One–half that of Standard
MOSFETs with New Low Voltage, Low RDS(on) Technology
• Faster Switching than E–FET Predecessors
Features Common to TMOS V and TMOS E–FETS
• Avalanche Energy Specified
• IDSS and VDS(on) Specified at Elevated Temperature
• Static Parameters are the Same for both TMOS V and TMOS E–FET
• Surface Mount Package Available in 16 mm 13–inch/2500 Unit Tape & Reel,
Add T4 Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–to–Source Voltage — Continuous
Gate–to–Source Voltage — Non–repetitive (tp ≤ 10 ms)
VGS
VGSM
± 15
± 25
Vdc
Vpk
Drain Current — Continuous @ 25
°C
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
23
15
81
Adc
Apk
Total Power Dissipation @ 25
°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (1)
PD
90
0.60
3.0
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 175
°C
Single Pulse Drain–to–Source Avalanche Energy — STARTING TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, PEAK IL = 23 Apk, L = 3.0 mH, RG = 25 Ω)
EAS
794
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (1)
R
θJC
R
θJA
R
θJA
1.67
62.5
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from Case for 10 seconds
TL
260
°C
(1) When surface mounted to an FR4 board using the minimum recommended pad size.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET, Designer’s and TMOS V are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
by MTB23P06V/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
TMOS POWER FET
23 AMPERES
60 VOLTS
RDS(on) = 0.120 OHM
Motorola Preferred Device
D
S
G
TM
MTB23P06V
CASE 418B–02, Style 2
D2PAK
© Motorola, Inc. 1996


Similar Part No. - MTB23P06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB23P06 MOTOROLA-MTB23P06 Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
logo
Inchange Semiconductor ...
MTB23P06E ISC-MTB23P06E Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
logo
VBsemi Electronics Co.,...
MTB23P06V VBSEMI-MTB23P06V Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - MTB23P06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055V MOTOROLA-MMFT3055V Datasheet
91Kb / 4P
TMOS POWER FET 1.7 AMPERES 60 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
TMOS POWER FET 42 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
TMOS POWER FET 75 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com