Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2220K30AUTOG Datasheet(PDF) 5 Page - EPCOS

Part # CT2220K30AUTOG
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT2220K30AUTOG Datasheet(HTML) 5 Page - EPCOS

  CT2220K30AUTOG Datasheet HTML 1Page - EPCOS CT2220K30AUTOG Datasheet HTML 2Page - EPCOS CT2220K30AUTOG Datasheet HTML 3Page - EPCOS CT2220K30AUTOG Datasheet HTML 4Page - EPCOS CT2220K30AUTOG Datasheet HTML 5Page - EPCOS CT2220K30AUTOG Datasheet HTML 6Page - EPCOS CT2220K30AUTOG Datasheet HTML 7Page - EPCOS CT2220K30AUTOG Datasheet HTML 8Page - EPCOS CT2220K30AUTOG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Ceramic transient voltage suppressors
B72540E1300K062
SMD multilayer varistor, E series
CT2220K30AUTOG
PPD ML PD
2012-11-06
Please read Cautions and warnings and
Page 5 of 14
Important notes at the end of this document.
Temperature derating
The specified ratings for I
max, Isurge,max and Pdiss,max are valid up to 150 °C.
For operation above 150 °C we recommend the below derating.
Dimensional drawing
MLV0031-M
w
k
Dimensions in mm
Case size
l
w
h
k
2220
5.7 ±0.4
5.0 ±0.40
2.5 max
0.25 … 1.00
Recommended solder pad layout
Dimensions in mm
Case size
A
B
C
2220
5.50
1.50
4.20
MLV0034-P
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com