Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP285-4 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP285-4
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285-4 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP285-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 10Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLP285-4
2009-05-27
7
V CE (sa t) - Ta
I C - Ta
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
-40 -20
0
20
40
60
80 100 120
0.01
0.1
1
10
100
-40
-20
0
20
40
60
80
100
120
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
Sw itch in g t i m e - R L
Sw itch in g t i m e - Ta
1
10
100
1000
1
10
100
0.1
1
10
100
-60
-40
-20
0
20
40
60
80
100
120
Load resistance RL (kΩ)
Ambient temperature Ta (℃)
*The above graphs show typical characteristic.
IF=8mA, IC=2.4mA
IF=1mA, IC=0.2mA
VCE=5V
IF=0.5mA
5
1
10
25
tOFF
Ta=25˚C
IF=16mA
VCC=5V
IF=16mA
VCC=5V
RL=1.9kΩ
ts
tON
tOFF
ts
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com