Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP718 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP718
Description  TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP718 Datasheet HTML 1Page - Toshiba Semiconductor TLP718 Datasheet HTML 2Page - Toshiba Semiconductor TLP718 Datasheet HTML 3Page - Toshiba Semiconductor TLP718 Datasheet HTML 4Page - Toshiba Semiconductor TLP718 Datasheet HTML 5Page - Toshiba Semiconductor TLP718 Datasheet HTML 6Page - Toshiba Semiconductor TLP718 Datasheet HTML 7Page - Toshiba Semiconductor TLP718 Datasheet HTML 8Page - Toshiba Semiconductor TLP718 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP718
2012-12-19
3
Electrical Characteristics
(Unless otherwise specified, Ta =−40 to 100
°C, VCC = 4.5 to 20 V.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP. *
MAX
UNIT
Input forward voltage
VF
―
IF = 5 mA , Ta = 25°C
1.4
1.6
1.7
V
Temperature coefficient of
forward voltage
ΔVF/ΔTa
―
IF = 5 mA
―
−2.0
―
mV/
°C
Input reverse current
IR
―
VR = 5 V , Ta = 25°C
―
―
10
μA
Input capacitance
CT
―
V = 0 V, f = 1 MHz, Ta = 25
°C
―
45
―
pF
Logic LOW output voltage
VOL
1
IOL = 3.5 mA , IF = 5 mA
―
0.2
0.6
V
VCC = 4.5 V
2.7
3.5
―
Logic HIGH output voltage
VOH
(Note3)
2
IOH = −2.6 mA,
VF = 0.8 V
VCC = 20 V
17.4
19
―
V
Logic LOW supply current
ICCL
3
IF = 5 mA
―
―
3.0
mA
Logic HIGH supply current
ICCH
4
VF=0V
―
―
3.0
mA
VCC = VO = 5.5 V
15
80
―
Logic LOW short circuit
output current
IOSL
5
IF = 5 mA
VCC = VO = 20 V
20
90
―
mA
VCC = 5.5 V
−5
-15
―
Logic HIGH short circuit
output current
(Note4)
IOSH
6
VF = 0 V,
VO = GND VCC = 20 V
−10
−20
―
mA
Input current logic LOW
output
(Note4)
IFHL
―
IO = 3.5 mA, VO < 0.6 V
―
0.4
3
mA
Input voltage logic HIGH
output
VFLH
―
IO = −2.6 mA, VO > 2.4V
0.8
―
―
V
Input current hysteresis
IHYS
―
VCC = 5 V
―
0.05
―
mA
* All typical values are at Ta=25
°C, VCC=5 V unless otherwise specified
Note 3: VOH=VCC –VO [V]
Note 4: Duration of output short circuit time should not exceed 10 ms.
Note 5: A ceramic capacitor (0.1 μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead
length between capacitor and coupler should not exceed 1 cm.
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Capacitance input to output
CS
V = 0V, f = 1 MHz
(Note 2)
―
1.0
―
pF
Isolation resistance
RS
R.H. ≤ 60%, VS = 500 V
(Note 2)
1×10
12
10
14
―
Ω
AC, 1 minute
5000
―
―
AC, 1 second, in oil
―
10000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
10000
―
Vdc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com