Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSK7DLS1C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSK7DLS1C1A
Description  3..5x2..8x1..9mm Purplle Collor SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSK7DLS1C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSK7DLS1C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m P
Pu
ur
rp
plle
e C
Co
ollo
or
r S
SM
MD
D L
LE
ED
D
OSK7DLS1C1A
■Features
■Outline Dimension
●
High Luminous PLCC2 Top SMD LEDs
●
3
3..5
5x
x2
2..8
8x
x1
1..9
9mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Silicone
●
Red Diffused Type
■Applications
●
Electronic Signs And Signals
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
.
Unit:mm
Tolerance:+0.30mm
■Absolute Maximum Rating
(Ta=25
℃
℃
℃
℃))))
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25
℃
℃
℃
℃))))
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
400
600
-
mcd
Luminous Flux*
Φv
IF=20mA
1.0
1.5
-
lm
x
IF=20mA
-
0.206
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.061
-
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous Intensity is +15%
LED & Application Technologies


Similar Part No. - OSK7DLS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK7DL3131A OPTOSUPPLY-OSK7DL3131A Datasheet
122Kb / 1P
3mm Round Purplle Collor LED
OSK7DL5111A OPTOSUPPLY-OSK7DL5111A Datasheet
116Kb / 1P
5mm Round Purplle Collor LED
OSK7DL56A1A OPTOSUPPLY-OSK7DL56A1A Datasheet
121Kb / 1P
4..8mm Straw Purplle Collor LED
OSK7DLZ281P OPTOSUPPLY-OSK7DLZ281P Datasheet
122Kb / 1P
Super Fllux Purplle Collor LED
More results

Similar Description - OSK7DLS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSYBS4S2C1A OPTOSUPPLY-OSYBS4S2C1A Datasheet
86Kb / 1P
3..5x2..8x1..9mm Yellllow & Bllue SMD LED
OS5WFLS3C1A OPTOSUPPLY-OS5WFLS3C1A Datasheet
115Kb / 1P
3..5x2..8x1..9mm Cooll Whiite Power Top SMD LED
OSI3NAS1C1A OPTOSUPPLY-OSI3NAS1C1A Datasheet
203Kb / 2P
3..5x2..8x1..9mm Inffrared SMD
OSK7DL3131A OPTOSUPPLY-OSK7DL3131A Datasheet
122Kb / 1P
3mm Round Purplle Collor LED
OSK7DL5111A OPTOSUPPLY-OSK7DL5111A Datasheet
116Kb / 1P
5mm Round Purplle Collor LED
OSM54LS1C1A-HCRI OPTOSUPPLY-OSM54LS1C1A-HCRI Datasheet
112Kb / 1P
3..5x2..8x1..9mm Warm Whiite SMD LED
OSV4DLS1C1A OPTOSUPPLY-OSV4DLS1C1A Datasheet
100Kb / 1P
3..5x2..8x1..9mm Viiollet SMD LED
OSV4SLS1C1A OPTOSUPPLY-OSV4SLS1C1A Datasheet
95Kb / 1P
3..5x2..8x1..9mm Viiollet SMD LED
OSV5SLS1C1A OPTOSUPPLY-OSV5SLS1C1A Datasheet
101Kb / 1P
3..5x2..8x1..9mm Viiollet SMD LED
OSV6SLS1C1A OPTOSUPPLY-OSV6SLS1C1A Datasheet
101Kb / 1P
3..5x2..8x1..9mm Viiollet SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com