Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9773-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9773-EB
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773-EB Datasheet(HTML) 1 Page - Analog Devices

  AD9773-EB Datasheet HTML 1Page - Analog Devices AD9773-EB Datasheet HTML 2Page - Analog Devices AD9773-EB Datasheet HTML 3Page - Analog Devices AD9773-EB Datasheet HTML 4Page - Analog Devices AD9773-EB Datasheet HTML 5Page - Analog Devices AD9773-EB Datasheet HTML 6Page - Analog Devices AD9773-EB Datasheet HTML 7Page - Analog Devices AD9773-EB Datasheet HTML 8Page - Analog Devices AD9773-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
12-Bit, 160 MSPS, 2×/4×/
8× Interpolating
Dual TxDAC D/A Converter
AD9773
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit resolution, 160 MSPS/400 MSPS
input/output data rate
Selectable 2×/4×/8× interpolating filter
Programmable channel gain and offset adjustment
fS/2, fS/4, fS/8 digital quadrature modulation capability
Direct IF transmission mode for 70 MHz + IFs
Enables image rejection architecture
Fully compatible SPI port
Excellent ac performance
SFDR −69 dBc @ 2 MHz to 35 MHz
WCDMA ACPR −69 dB @ IF = 19.2 MHz
Internal PLL clock multiplier
Selectable internal clock divider
Versatile clock input
Differential/single-ended sine wave or
TTL/CMOS/LVPECL compatible
Versatile input data interface
Twos complement/straight binary data coding
Dual-port or single-port interleaved input data
Single 3.3 V supply operation
Power dissipation: typical 1.2 W @ 3.3 V
On-chip 1.2 V reference
80-lead thin quad flat package, exposed pad (TQFP_EP)
APPLICATIONS
Communications
Analog quadrature modulation architecture
3G, multicarrier GSM, TDMA, CDMA systems
Broadband wireless, point-to-point microwave radios
Instrumentation/ATE
FUNCTIONAL BLOCK DIAGRAM
16
16
16
/2
16
16
16
16
16
/2
/2
/2
AD9773
DATA
ASSEMBLER
I
LATCH
Q
LATCH
MUX
CONTROL
SPI INTERFACE AND
CONTROL REGISTERS
HALF-BAND FILTERS ALSO CAN BE
CONFIGURED FOR ZERO STUFFING ONLY
*
I AND Q
NONINTERLEAVED
OR INTERLEAVED
DATA
12
12
CLOCK OUT
WRITE
SELECT
HALF-
BAND
FILTER1*
FILTER
BYPASS
MUX
IMAGE
REJECTION/
DUAL DAC
MODE
BYPASS
MUX
I/Q DAC
GAIN/OFFSET
REGISTERS
HALF-
BAND
FILTER2*
HALF-
BAND
FILTER3*
COS
IDAC
IDAC
GAIN
DAC
DIFFERENTIAL
CLK
OFFSET
DAC
COS
IOUT
PRESCALER
PLL CLOCK MULTIPLIER AND CLOCK DIVIDER
PHASE DETECTOR
AND VCO
SIN
SIN
fDAC/2, 4, 8
(
fDAC)
Figure 1.


Similar Part No. - AD9773-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
AD9773 AD-AD9773 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD9773 AD-AD9773 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD9773 AD-AD9773 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9773AST AD-AD9773AST Datasheet
218Kb / 19P
12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
More results

Similar Description - AD9773-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9773 AD-AD9773 Datasheet
218Kb / 19P
12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
AD9775 AD-AD9775 Datasheet
5Mb / 48P
14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
AD9777 AD-AD9777 Datasheet
5Mb / 48P
16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
logo
Texas Instruments
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
logo
Renesas Technology Corp
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com