Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9974BBCZRL Datasheet(PDF) 23 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 19Page - Analog Devices AD9974BBCZRL Datasheet HTML 20Page - Analog Devices AD9974BBCZRL Datasheet HTML 21Page - Analog Devices AD9974BBCZRL Datasheet HTML 22Page - Analog Devices AD9974BBCZRL Datasheet HTML 23Page - Analog Devices AD9974BBCZRL Datasheet HTML 24Page - Analog Devices AD9974BBCZRL Datasheet HTML 25Page - Analog Devices AD9974BBCZRL Datasheet HTML 26Page - Analog Devices AD9974BBCZRL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD9974
Rev. A | Page 23 of 52
HBLK Mode 2 Operation
HBLK Mode 2 allows more advanced HBLK pattern operation.
If unevenly spaced HCLK pulses in multiple areas are needed,
HBLK Mode 2 can be used. Using a separate set of registers,
HBLK Mode 2 can divide the HBLK region into up to six repeat
areas (see Table 12). As shown in Figure 31, each repeat area
shares a common group of toggle positions, HBLKSTARTA,
HBLKSTARTB, and HBLKSTARTC. However, the number of
toggles following each start position can be unique in each
repeat area by using the RAH1REP and RAH2REP registers.
As shown in Figure 30, setting the RAH1REPA/RAH1REPB/
RAH1REPC or RAH2REPA/RAH2REPB/RAH2REPC registers
to 0 masks HCLK groups from appearing in a particular repeat
area. Figure 31 shows only two repeat areas being used, although
six are available. It is possible to program a separate number of
repeat area repetitions for H1 and H2, but generally the same
value is used for both H1 and H2.
Figure 31 shows the following example:
RA0H1REPA/RA0H1REPB/RA0H1REPC =
RA0H2REPA/RA0H2REPB/RA0H2REPC =
RA1H1REPA/RA1H1REPB/RA1H1REPC =
RA1H2REPA/RA1H2REPB/RA1H2REPC = 2.
Furthermore, HBLK Mode 2 allows a different HBLK pattern
on even and odd lines. The HBLKSTARTA, HBLKSTARTB, and
HBLKSTARTC registers, as well as the RAH1REPA/RAH1REPB/
RAH1REPC and RAH2REPA/RAH2REPB/RAH2REPC registers,
define operation for the even lines. For separate control of the
odd lines, the HBLKALT_PAT registers specify up to six repeat
areas on the odd lines by reordering the repeat areas used for the
even lines. New patterns are not available, but the order of the
previously defined repeat areas on the even lines can be changed
for the odd lines to accommodate advanced CCD operation.
H1
H2
HBLKSTART
A
HBLKEND
REPEAT AREA 0
HD
B
C
REPEAT AREA 1
REPEAT AREA 2
REPEAT AREA 3
REPEAT AREA 4
REPEAT AREA 5
MASK A, B, C PULSES IN ANY REPEAT
AREA BY SETTING RA*H*REP* = 0
CHANGE NUMBER OF A, B, C PULSES IN ANY
REPEAT AREA USING RA*H*REP* REGISTERS
CREATE UP TO 3 GROUPS OF TOGGLES
A, B, C COMMON IN ALL REPEAT AREAS
Figure 30. HBLK Mode 2 Operation
HBLK
H1
H2
HBLKSTART
HBLKSTARTA
HBLKEND
HBLKLEN
REPEAT AREA 0
HBLKREP = 2
TO CREATE 2 REPEAT AREAS
HD
REPEAT AREA 1
HBLKSTARTB
HBLKSTARTC
RA0H1REPA RA0H1REPB
RA0H1REPC
ALL RA*H*REPA, B, C REGISTERS = 2, TO CREATE 2 HCLK PULSES
RA1H1REPA RA1H1REPB
RA1H1REPC
RA0H2REPA RA0H2REPB
RA0H2REPC
RA1H2REPA RA1H2REPB
RA1H2REPC
Figure 31. HBLK Mode 2 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com