Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP562BRQZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP562BRQZ
Description  Dual High Speed PECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP562BRQZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP562BRQZ Datasheet HTML 2Page - Analog Devices ADCMP562BRQZ Datasheet HTML 3Page - Analog Devices ADCMP562BRQZ Datasheet HTML 4Page - Analog Devices ADCMP562BRQZ Datasheet HTML 5Page - Analog Devices ADCMP562BRQZ Datasheet HTML 6Page - Analog Devices ADCMP562BRQZ Datasheet HTML 7Page - Analog Devices ADCMP562BRQZ Datasheet HTML 8Page - Analog Devices ADCMP562BRQZ Datasheet HTML 9Page - Analog Devices ADCMP562BRQZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP561/ADCMP562
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADCMP561
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–INA
+INA
QA
QA
VDD
VEE
LEA
LEA
–INB
+INB
QB
QB
GND
VCC
LEB
LEB
ADCMP562
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
–INA
QA
QA
VDD
VEE
LEA
LEA
VDD
+INA
HYSA
–INB
QB
QB
GND
VCC
LEB
LEB
VDD
+INB
HYSB
Figure 4. ADCMP561 16-Lead QSOP Pin Configuration
Figure 5. ADCMP562 20-Lead QSOP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
ADCMP561
ADCMP562
Mnemonic
Function
1
VDD
Logic Supply Terminal.
1
2
QA
One of two complementary outputs for Channel A. QA is logic high if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEA for more information.
2
3
QA
One of two complementary outputs for Channel A. QA is logic low if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEA for more information.
3
4
VDD
Logic Supply Terminal.
4
5
LEA
One of two complementary inputs for Channel A Latch Enable. In compare mode (logic high),
the output tracks changes at the input of the comparator. In the latch mode (logic low), the
output reflects the input state just prior to the comparator’s being placed in the latch mode.
LEA must be driven in conjunction with LEA. If left unconnected, the comparator defaults to
compare mode.
5
6
LEA
One of two complementary inputs for Channel A Latch Enable. In compare mode (logic low),
the output tracks changes at the input of the comparator. In latch mode (logic high), the
output reflects the input state just prior to the comparator’s being placed in the latch mode.
LEA must be driven in conjunction with LEA. If left unconnected, the comparator defaults to
compare mode.
6
7
VEE
Negative Supply Terminal.
7
8
−INA
Inverting Analog Input of the Differential Input Stage for Channel A. The inverting A input must
be driven in conjunction with the noninverting A input.
8
9
+INA
Noninverting Analog Input of the Differential Input Stage for Channel A. The noninverting
A input must be driven in conjunction with the inverting A input.
10
HYSA
Programmable Hysteresis Input.
11
HYSB
Programmable Hysteresis Input.
9
12
+INB
Noninverting Analog Input of the Differential Input Stage for Channel B. The noninverting
B input must be driven in conjunction with the inverting B input.
10
13
−INB
Inverting Analog Input of the Differential Input Stage for Channel B. The inverting B input must
be driven in conjunction with the noninverting B input.
11
14
VCC
Positive Supply Terminal.
12
15
LEB
One of two complementary inputs for Channel B Latch Enable. In compare mode (logic low),
the output tracks changes at the input of the comparator. In latch mode (logic high), the
output reflects the input state just prior to placing the comparator in the latch mode. LEB
must be driven in conjunction with LEB. If left unconnected, the comparator defaults to
compare mode.
13
16
LEB
One of two complementary inputs for Channel B Latch Enable. In compare mode (logic high),
the output tracks changes at the input of the comparator. In latch mode (logic low), the output
reflects the input state just prior to placing the comparator in the latch mode. LEB must be
driven in conjunction with LEB. If left unconnected, the comparator defaults to compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com