Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG904BCPZ-R-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADG904BCPZ-R-REEL
Description  Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BCPZ-R-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG904BCPZ-R-REEL Datasheet HTML 1Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 2Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 3Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 4Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 5Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 6Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 7Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 8Page - Analog Devices ADG904BCPZ-R-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz,
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
Data Sheet
ADG904/ADG904-R
Rev. C
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband switch: –3 dB @ 2.5 GHz
ADG904: absorptive 4:1 mux/SP4T
ADG904-R: reflective 4:1 mux/SP4T
High off isolation (37 dB @ 1 GHz)
Low insertion loss (1.1 dB dc to 1 GHz)
Single 1.65 V to 2.75 V power supply
CMOS/LVTTL control logic
20-lead TSSOP and 4 mm × 4 mm LFCSP packages
Low power consumption (1 μA maximum)
Qualified for automotive applications
APPLICATIONS
Wireless communications
General-purpose RF switching
Dual-band applications
High speed filter selection
Digital transceiver front end switch
IF switching
Tuner modules
Antenna diversity switching
FUNCTIONAL BLOCK DIAGRAMS
ADG904
50
50
50
50
1 OF 4 DECODER
RFC
A0
A1
EN
RF1
RF2
RF3
RF4
ADG904-R
1 OF 4 DECODER
RFC
A0
A1
EN
RF1
RF2
RF3
RF4
Figure 1.
Figure 2.
GENERAL DESCRIPTION
The ADG904 and ADG904-R are wideband analog 4:1
multiplexers that use a CMOS process to provide high isolation
and low insertion loss to 1 GHz. The ADG904 is an
absorptive/matched mux with 50 Ω terminated shunt legs; the
ADG904-R is a reflective mux. These devices are designed such
that the isolation is high over the dc to 1 GHz frequency range.
The ADG904 and ADG904-R switch one of four inputs to a
common output, RFC, as determined by the 3-bit binary
address lines A0, A1, and EN. A Logic 1 on the EN pin disables
the device.
The parts have on-board CMOS control logic, which eliminates
the need for external control circuitry. The control inputs
are both CMOS and LVTTL compatible. The low power
consumption of these devices makes them ideally suited
for wireless applications and general-purpose high
frequency switching.
PRODUCT HIGHLIGHTS
1.
−37 dB off isolation @ 1 GHz
2.
1.1 dB insertion loss @ 1 GHz
3.
20-lead TSSOP/LFCSP packages
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
VDD = 2.5V
S12
S21
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
VDD = 2.5V
TA = 25°C
Figure 3. Off Isolation vs. Frequency
Figure 4. Insertion Loss vs. Frequency


Similar Part No. - ADG904BCPZ-R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG904BRU AD-ADG904BRU Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG904BRU-500RL7 AD-ADG904BRU-500RL7 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG904BRU-R AD-ADG904BRU-R Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG904BRU-R-500RL7 AD-ADG904BRU-R-500RL7 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG904BRU-R-REEL AD-ADG904BRU-R-REEL Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
More results

Similar Description - ADG904BCPZ-R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918 Datasheet
120Kb / 4P
Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
ADG901 AD-ADG901 Datasheet
1Mb / 12P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG904 AD-ADG904 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
7/04-Revision 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
EVAL-ADG904 AD-EVAL-ADG904_15 Datasheet
148Kb / 8P
Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
REV. A
EVAL-ADG904-R AD-EVAL-ADG904-R_15 Datasheet
148Kb / 8P
Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
REV. A
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com