Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16448AMLZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16448AMLZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448AMLZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16448AMLZ Datasheet HTML 1Page - Analog Devices ADIS16448AMLZ Datasheet HTML 2Page - Analog Devices ADIS16448AMLZ Datasheet HTML 3Page - Analog Devices ADIS16448AMLZ Datasheet HTML 4Page - Analog Devices ADIS16448AMLZ Datasheet HTML 5Page - Analog Devices ADIS16448AMLZ Datasheet HTML 6Page - Analog Devices ADIS16448AMLZ Datasheet HTML 7Page - Analog Devices ADIS16448AMLZ Datasheet HTML 8Page - Analog Devices ADIS16448AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Compact, Precision
Ten Degrees of Freedom Inertial Sensor
Data Sheet
ADIS16448
Rev. B
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Triaxial digital gyroscope with digital range scaling
±250°/sec, ±500°/sec, ±1000°/sec settings
Axis-to-axis alignment, <0.05°
Triaxial digital accelerometer, ±18 g minimum
Triaxial digital magnetometer, ±1.9 gauss minimum
Digital barometer, 10 mbar to 1200 mbar
Calibrated pressure range: 300 mbar to 1100 mbar
Autonomous operation and data collection
No external configuration commands required
205 ms start-up time
Factory calibrated sensitivity, bias, and axial alignment
Calibration temperature range: −40°C to +70°C
SPI-compatible serial interface
Embedded temperature sensor
Programmable operation and control
Automatic and manual bias correction controls
Bartlett window FIR length, number of taps
Digital I/O: data ready, alarm indicator, general-purpose
Alarms for condition monitoring
Enable external sample clock input up to 1.1 kHz
Single command self test
Single-supply operation: 3.15 V to 3.45 V
2000 g shock survivability
Operating temperature range: −40°C to +85°C
APPLICATIONS
Platform stabilization and control
Navigation
Robotics
GENERAL DESCRIPTION
The ADIS16448 iSensor® device is a complete inertial system
that includes a triaxial gyroscope, a triaxial accelerometer, a
triaxial magnetometer, and pressure sensors. Each sensor in
the ADIS16448 combines industry-leading iMEMS® technology
with signal conditioning that optimizes dynamic performance.
The factory calibration characterizes each sensor for sensitivity,
bias, alignment, and linear acceleration (gyroscope bias). As a
result, each sensor has its own dynamic compensation formulas
that provide accurate sensor measurements.
The ADIS16448 provides a simple, cost-effective method for
integrating accurate, multiaxis inertial sensing into industrial
systems, especially when compared with the complexity and
investment associated with discrete designs. All necessary motion
testing and calibration are part of the production process at the
factory, greatly reducing system integration time. Tight orthogonal
alignment simplifies inertial frame alignment in navigation systems.
The SPI and register structures provide a simple interface for
data collection and configuration control.
The ADIS16448 has a compatible pinout for systems that currently
use other Analog Devices, Inc., IMU products (ADIS163xx/
ADIS164xx). The ADIS16448 is packaged in a module that is
approximately 24.1 mm × 37.7 mm × 10.8 mm and has a standard
connector interface.
FUNCTIONAL BLOCK DIAGRAM
CONTROLLLER
CLOCK
TRIAXIAL
GYRO
TRIAXIAL
ACCEL
POWER
MANAGEMENT
CS
SCLK
DIN
DOUT
GND
VDD
TEMP
VDD
DIO1 DIO2 DIO3 DIO4/CLKIN RST
SPI
TRIAXIAL
MAGN
PRESSURE
SELF TEST
I/O
ALARMS
OUTPUT
DATA
REGISTERS
USER
CONTROL
REGISTERS
CALIBRATION
AND
FILTERS
ADIS16448
Figure 1.


Similar Part No. - ADIS16448AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16448 AD-ADIS16448 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16448PCBZ AD-ADIS16448PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16448AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
Compact, Precision, Six Degrees of Freedom Inertial Sensor
Rev. 0
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
Compact, Precision Six Degrees of Freedom Inertial Sensor
Rev. F
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
Compact, Precision Six Degrees of Freedom Inertial Sensor
2/2021-Revision 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
8/2020-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com