Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM5180AP Datasheet(PDF) 5 Page - Analog Devices

Part # ADM5180AP
Description  Octal, RS-232/RS-423 Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5180AP Datasheet(HTML) 5 Page - Analog Devices

  ADM5180AP Datasheet HTML 1Page - Analog Devices ADM5180AP Datasheet HTML 2Page - Analog Devices ADM5180AP Datasheet HTML 3Page - Analog Devices ADM5180AP Datasheet HTML 4Page - Analog Devices ADM5180AP Datasheet HTML 5Page - Analog Devices ADM5180AP Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
–5–
REV. 0
ADM5180
1/8
ADM5170
+
–
1/8
ADM5180
VL
VH
TIE TO GND FOR
RS232
INPUT
RS232/RS423A
TRANSMISSION
+V
–V
VDD
VFAILSAFE
VOUT
VL
VH
Figure 4. EIA-232/V.28 Data Transmission
+
–
1/8
ADM5180
VL
VH
INPUT
RS422
TRANSMISSION
+V
–V
VDD
VFAILSAFE
VOUT
VL
VH
+
–
+V
–V
RS422A/V.11
LINE DRIVER
Figure 5. RS-422A/V.11 Data Transmission
Typical Performance Characteristics
Figure 6. Supply Current vs. Temperature
5.5
4.5
3.50
5.1
4.7
3.40
4.9
3.35
5.3
3.45
IDD – mA
TA = +25°C
FS = 0V
VID = O/C
Figure 7. Supply Current vs. Supply Voltage
4.0
3.0
80
3.6
3.2
–20
3.4
–40
3.8
60
40
20
0
TEMPERATURE –
°C
VDD = 5V
FS = 5V
VID = O/C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com