Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP401ACEZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP401ACEZ-RL
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP401ACEZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADMP401ACEZ-RL Datasheet HTML 1Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 2Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 3Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 4Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 5Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 6Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 7Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Omnidirectional Microphone with
Bottom Port and Analog Output
Data Sheet
ADMP401
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
4.72 mm × 3.76 mm × 1.0 mm surface-mount package
High SNR of 62 dBA
Sensitivity of −42 dBV
Flat frequency response from 100 Hz to 15 kHz
Low current consumption of <250 μA
Single-ended analog output
High PSR of 70 dB
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Teleconferencing systems
Digital video cameras
Bluetooth headsets
Video phones
Tablets
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
AMPLIFIER
ADMP401
POWER
VDD
GND
OUTPUT
Figure 1.
GENERAL DESCRIPTION
The ADMP4011 is a high quality, high performance, low power,
analog output, bottom-ported omnidirectional MEMS
microphone. The ADMP401 consists of a MEMS microphone
element, an impedance converter, and an output amplifier. The
ADMP401 sensitivity specification makes it an excellent choice
for both near field and far field applications. The ADMP401 has
a high SNR and flat wideband frequency response, resulting in
natural sound with high intelligibility. Low current consumption
enables long battery life for portable applications. The ADMP401
complies with the TIA-920 standard, Telecommunications
Telephone Terminal Equipment Transmission Requirements for
Wideband Digital Wireline Telephones.
The ADMP401 is available in a thin, 4.72 mm × 3.76 mm ×
1.0 mm surface-mount package. It is reflow solder compatible
with no sensitivity degradation. The ADMP401 is halide free.
1
Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; 7,961,897. Other patents are pending.


Similar Part No. - ADMP401ACEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401-1ACEZ-RL AD-ADMP401-1ACEZ-RL Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401-1ACEZ-RL7 AD-ADMP401-1ACEZ-RL7 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
More results

Similar Description - ADMP401ACEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com