Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8831ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADN8831
Data Sheet
Rev. A | Page 12 of 20
OSCILLATOR CLOCK FREQUENCY
The ADN8831 has an internal oscillator to generate the switching
frequency for the output stage. This oscillator can be set in either
free-run mode or synchronized to an external clock signal.
Free-Run Operation
The switching frequency is set by a single resistor connected
from FREQ (Pin 13) to ground. Table 5 shows RFREQ for some
common switching frequencies. For free-run operation, connect
SYNCI/SD (Pin 16) and COMPOSC (Pin 17) to PVDD (Pin 18).
Table 5. Switching Frequencies vs. RFREQ
f
SWITCH
R
FREQ
250 kHz
484 kΩ
500 kHz
249 kΩ
750 kHz
168 kΩ
1 MHz
118 kΩ
Higher switching frequencies reduce the voltage ripple across the
TEC. However, high switching frequencies create more power
dissipation in the external transistors due to the more frequent
charging and discharging of the transistor gate capacitances.
ADN8831
COMPOSC
FREQ
SYNCI/SD
VDD
VDD
RFREQ
Figure 13. Free-Run Mode
External Clock Operation
The switching frequency of the ADN8831 can be synchronized
with an external clock. Connect the clock signal to SYNCI/SD
(Pin 16) and connect COMPOSC (Pin 17) to an R-C network. This
network compensates a PLL to lock on to the external clock.
ADN8831
COMPOSC
FREQ
SYNCI/SD
1M
Ω
EXT. CLOCK
SOURCE
1k
Ω
0.1µF
1nF
Figure 14. Synchronize to an External Clock
Connecting Multiple ADN8831 Devices
Connecting SYNCO (Pin 15) to the SYNCI/SD pin of another
ADN8831 allows for multiple ADN8831 devices to work
together using a single clock. Multiple ADN8831 devices can be
driven from a single master ADN8831 device, by connecting the
SYNCO pin of the master device to each slave SYNCI/SD pin,
or by daisy-chaining by connecting the SYNCO pin of each
device to the SYNCI/SD pin of the next device. When multiple
ADN8831 devices are clocked at the same frequency, the phase is
to be adjusted to reduce power supply ripple.
ADN8831
MASTER
COMPOSC
FREQ
SYNCI/SD
VDD
VDD
118k
Ω
ADN8831
SLAVE
COMPOSC
FREQ
1M
Ω
1k
Ω
0.1µF
1nF
VPHASE
PHASE
ADN8831
SLAVE
COMPOSC
FREQ
1M
Ω
1k
Ω
0.1µF
1nF
VPHASE
PHASE
PHASE
NC
10k
Ω
VDD
SYNCO
SYNCI/SD
SYNCI/SD
Figure 15. Multiple ADN8831 Devices Driven from a Master Clock
OSCILLATOR CLOCK PHASE
Adjust the oscillator clock phase using a simple resistor divider
at PHASE (Pin 10). Phase adjustment allows two or more
ADN8831 devices to operate from the same clock frequency
and not have all outputs switched simultaneously. This avoids
the potential of an excessive power supply ripple.
To ensure the correct operation of the oscillator, VPHASE is to
remain in the range of 100 mV to 2.4 V. PHASE (Pin 10) is
internally biased at 1.2 V. If PHASE (Pin 10) remains open, the
clock phase is set at 180° as the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com