Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM213ARS Datasheet(PDF) 13 Page - Analog Devices

Part # ADM213ARS
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM213ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM213ARS Datasheet HTML 8Page - Analog Devices ADM213ARS Datasheet HTML 9Page - Analog Devices ADM213ARS Datasheet HTML 10Page - Analog Devices ADM213ARS Datasheet HTML 11Page - Analog Devices ADM213ARS Datasheet HTML 12Page - Analog Devices ADM213ARS Datasheet HTML 13Page - Analog Devices ADM213ARS Datasheet HTML 14Page - Analog Devices ADM213ARS Datasheet HTML 15Page - Analog Devices ADM213ARS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 13 of 16
OUTLINE DIMENSIONS
24
112
13
1.185 (30.01)
1.165 (29.59)
1.145 (29.08)
0.295 (7.49)
0.285 (7.24)
0.275 (6.99)
0.150 (3.81)
0.135 (3.43)
0.120 (3.05)
0.015 (0.38)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
SEATING
PLANE
0.015 (0.38) MIN
0.180
(4.57)
MAX
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.100
(2.54)
BSC
0.060 (1.52)
0.050 (1.27)
0.045 (1.14)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-095AG
Figure 25. 24-Lead Plastic Dual In-Line Package [PDIP]
(N-24)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AD
8°
0°
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
0.33 (0.0130)
0.20 (0.0079)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.020)
0.31 (0.012)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
24
13
12
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
15.60 (0.6142)
15.20 (0.5984)
COPLANARITY
0.10
Figure 26. 24-Lead Standard Small Outline Package [SOIC]
Wide Body
(R-24)
Dimensions shown in millimeters and (inches)
24
13
12
1
8.20
7.80
7.40
5.60
5.30
5.00
0.38
0.22 SEATING
PLANE
0.05 MIN
0.65
BSC
2.00 MAX
1.85
1.75
1.65
0.95
0.75
0.55
0.25
0.09
8°
4°
0°
COPLANARITY
0.10
8.50
8.20
7.90
PIN 1
COMPLIANT TO JEDEC STANDARDS MO-150AG
Figure 27. 24-Lead Shrink Small Outline Package [SSOP]
(RS-24)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AE
0.33 (0.0130)
0.20 (0.0079)
8°
0°
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.33 (0.0130)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
28
15
14
1
18.10 (0.7126)
17.70 (0.6969)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
COPLANARITY
0.10
Figure 28. 28-Lead Standard Small Outline Package [SOIC]
Wide Body
(R-28)
Dimensions shown in millimeters and (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com