Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM213ARSZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM213ARSZ
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM213ARSZ Datasheet(HTML) 5 Page - Analog Devices

  ADM213ARSZ Datasheet HTML 1Page - Analog Devices ADM213ARSZ Datasheet HTML 2Page - Analog Devices ADM213ARSZ Datasheet HTML 3Page - Analog Devices ADM213ARSZ Datasheet HTML 4Page - Analog Devices ADM213ARSZ Datasheet HTML 5Page - Analog Devices ADM213ARSZ Datasheet HTML 6Page - Analog Devices ADM213ARSZ Datasheet HTML 7Page - Analog Devices ADM213ARSZ Datasheet HTML 8Page - Analog Devices ADM213ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM206
C1–
V+
C1+
VCC
GND
T3OUT
T1OUT
T2OUT
R1IN
T1IN
T2IN
R1OUT
C2+
C2–
V–
R3IN
R3OUT
T4OUT
R2IN
R2OUT
SD
T3IN
T4IN
EN
Figure 2. ADM206 PDIP/SOIC/SSOP Pin Configuration
0.1
µF
6.3V
+
+
0.1
µF
5V INPUT
+
0.1
µF
16V
0.1
µF
6.3V
+
0.1
µF
16V
+
T1
T2
T3
T4
R1
R2
R3
GND
ADM206
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
SD
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
C1+
C1–
C2+
C2–
VCC
V+
V–
EN
NOTES
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
Figure 3. ADM206 Typical Operating Circuit
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM207
C1–
V+
C1+
VCC
GND
T3OUT
T1OUT
T2OUT
R1IN
T1IN
T2IN
R1OUT
C2+
C2–
V–
R3IN
R3OUT
T4OUT
R2IN
R2OUT
T5IN
T3IN
T4IN
T5OUT
Figure 4. ADM207 PDIP/SOIC/SSOP Pin Configuration
0.1
µF
6.3V
+
+
0.1
µF
5V INPUT
+
0.1
µF
16V
0.1
µF
6.3V
+
0.1
µF
16V
+
T1
T2
T3
T4
R1
R2
R3
GND
ADM207
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
NOTES
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
C1+
C1–
C2+
C2–
VCC
V+
V–
T5
T5IN
T5OUT
24
23
20
16
15
4
8
9
11
22
20
19
18
17
14
13
5
6
7
10
12
1
3
2
Figure 5. ADM207 Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com