Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2300AUJZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2300AUJZ-R2
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2300AUJZ-R2 Datasheet HTML 19Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 20Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 21Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 22Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 23Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 24Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 25Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 26Page - Analog Devices ADP2300AUJZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADP2300/ADP2301
Rev. C | Page 23 of 28
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential to obtain the best
performance from the ADP2300/ADP2301. Poor layout can
affect the regulation and stability, as well as the electromagnetic
interface (EMI) and electromagnetic compatibility (EMC)
performance. A PCB layout example is shown in Figure 50.
Refer to the following guidelines for a good PCB layout:
Place the input capacitor, inductor, catch diode, output
capacitor, and bootstrap capacitor close to the IC using
short traces.
Ensure that the high current loop traces are as short and wide
as possible. The high current path is shown in Figure 49.
Maximize the size of ground metal on the component side
to improve thermal dissipation.
Use a ground plane with several vias connecting to the
component side ground to further reduce noise inter-
ference on sensitive circuit nodes.
Minimize the length of the FB trace connecting the top of the
feedback resistive voltage divider to the output. In addition,
keep these traces away from the high current traces and the
switch node to avoid noise pickup.
VIN
BST
SW
FB
EN
GND
ADP2300/
ADP2301
Figure 49. Typical Application Circuit with High Current Traces Shown in Blue
INDUC TOR
L1
C1
C 2
C 3
IN PU T CA P
B ST CA P
D 1
CA TCH D IOD E
ADP2300/ADP2301
Figure 50. Recommended PCB Layout for the ADP2300/ADP2301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com